Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM4004D Datasheet(PDF) 2 Page - AZ Displays

Part # ACM4004D
Description  ACM4004D SERIES LCD MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM4004D Datasheet(HTML) 2 Page - AZ Displays

  ACM4004D Datasheet HTML 1Page - AZ Displays ACM4004D Datasheet HTML 2Page - AZ Displays ACM4004D Datasheet HTML 3Page - AZ Displays ACM4004D Datasheet HTML 4Page - AZ Displays ACM4004D Datasheet HTML 5Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AZ DISPLAYS, INC.
2
1/15/02
ACM4004D SERIES LCD MODULE
4.0 ELECTRICAL CHARACTERISTICS (Ta = 25C, VDD = 5.0V +/- 0.25V)
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage for LCD drive (Std temp)
VDD-VO
Ta = 25
°C
4.5
V
Supply voltage for LCD drive (Wide temp)
VDD-VO
Ta = 25
°C
6.2
V
Input voltage
VI
-
4.75
5.0
5.25
V
Input high voltage
VIH
-
0.8VDD
-
VDD
V
Input low voltage
VIL
-VSS
-V
Supply current
IDD
VDD=5.0V
-
6.0
10.0
mA
LED power supply current
ILED
Vf=4.2V
-
600
-
mA
5.0 INTERFACE PIN CONNECTIONS
Pin No.
Symbol
Level
Pin Description
Function
1
DB7
Data bit 7
4-bit or 8-bit interface
2
DB6
H/L
Data bit 6
4-bit or 8-bit interface
3
VO
-
By user
4
RS
H/L
H: Data; L: Instruction code
5
R/W
H/L
Read / write
H: Data read, L: Data write
6
E1
H, H
→L
Start signal for data read/write
7
DB0
H/L
Data bit 0
8-bit interface
8
DB1
H/L
Data bit 1
8-bit interface
9
DB2
H/L
Data bit 2
8-bit interface
10
DB3
H/L
Data bit 3
8-bit interface
11
DB4
H/L
Data bit 4
4-bit or 8-bit interface
12
DB5
Data bit 5
4-bit or 8-bit interface
13
14
VSS
5V
Supply Voltage for logic
15
Anode for LED backlight
Power supply for LED/EL backlights
16
K
0V
Cathode for LED backlight
Power supply for LED/EL backlights
H/L
VDD
E2
Register Select
LCD Contrast Adjustment
0V
H, H
→L
H/L
Enable for IC1
Ground
Enable for IC2
None
NC
No Connection
Start signal for data read/write
0V
5V
17
A
4.2V
18
0.2VDD


Similar Part No. - ACM4004D

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
   MECHANICAL DATA
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
ACM4004E ZETTLER-ACM4004E Datasheet
777Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004H ZETTLER-ACM4004H Datasheet
738Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ACM4004H-FL-YBW-R AZDISPLAYS-ACM4004H-FL-YBW-R Datasheet
955Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM4004D

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM6448V AZDISPLAYS-AGM6448V Datasheet
254Kb / 8P
   AGM6448V Series LCD Module
ACM1602M AZDISPLAYS-ACM1602M Datasheet
71Kb / 5P
   ACM1602M SERIES LCD MODULE
ACM2002C AZDISPLAYS-ACM2002C Datasheet
73Kb / 5P
   ACM2002C SERIES LCD MODULE
ACM1601B AZDISPLAYS-ACM1601B Datasheet
69Kb / 5P
   ACM1601B SERIES LCD MODULE
ACM2402B AZDISPLAYS-ACM2402B Datasheet
73Kb / 5P
   ACM2402B SERIES LCD MODULE
ACM1602W AZDISPLAYS-ACM1602W Datasheet
75Kb / 5P
   ACM1602W SERIES LCD MODULE
ACM1601D AZDISPLAYS-ACM1601D Datasheet
74Kb / 5P
   ACM1601D SERIES LCD MODULE
ACM1602L AZDISPLAYS-ACM1602L Datasheet
79Kb / 5P
   ACM1602L SERIES LCD MODULE
ACM1602R AZDISPLAYS-ACM1602R Datasheet
101Kb / 5P
   ACM1602R SERIES LCD MODULE
ACM2002P AZDISPLAYS-ACM2002P Datasheet
61Kb / 5P
   ACM2002P SERIES LCD MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com