Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMO9S08DZ60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DEMO9S08DZ60
Description  DEMO9S08DZ60 QUICK START GUIDE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DEMO9S08DZ60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DEMO9S08DZ60 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DEMO9S08DZ60
REV 1.0 12 /20 0 6
QUICK START GUIDE
DOC-0407-0 2 0
Axiom Manufacturing, 2006. All rights reserved
Spencer Ruggles
DEMO9S08DZ60 QUICK START GUIDE
Introduction and Default Settings
This quick start guide will show how to connect the target board to a PC, install the correct version of CodeWarrior
Development Studio, and execute a simple demonstration program loaded in FLASH memory. The default
jumper settings for the DEMO9S08DZ60 are shown below
Figure 1: DEMO9S08DZ60 Default Settings
Install CodeWarrior Development Studio for HC(S)08 Special Edition, Version 5.1
To install CodeWarrior Development Studio for HC(S)08 Special Edition, simply refer to the provided “CodeWar-
rior Development Studio” DVD case and follow the steps in the included Quick Start Guide.
CodeWarrior Development Studios must be properly installed before attempting to connect the target board to the
host PC. Otherwise, the necessary USB drivers will not be available and the target board will not be recognized
when connected to the host PC.
Run the demo program
The DEMO9S08DZ60 is shipped with a simple demonstration program preloaded into on-chip FLASH memory.
The assembly source code (DZ60_DEMO.asm) for this demo program is located on the Axiom Support CD in the
/Examples folder. The source code is contained in the DZ60_Demo.zip file.
1.
Make sure the configuration jumpers are set to the default position. Refer to Figure 1 above.
2.
Connect a USB cable to an open USB port on the host PC and to the USB connector on the target board. If
necessary, follow the on-screen instructions to install the necessary USB drivers.
3.
After the USB drivers are properly installed, the USB, POWER OUT, and +5V LED’s will be on.
4.
LED1 and LED2 will begin to toggle.


Similar Part No. - DEMO9S08DZ60

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DEMO9S08MP16 FREESCALE-DEMO9S08MP16 Datasheet
859Kb / 37P
   DEMO9S08MP16 User Manual
DEMO9S08QG8QSG FREESCALE-DEMO9S08QG8QSG Datasheet
56Kb / 2P
   DEMO9S08QG8 Quick Start Guide
More results

Similar Description - DEMO9S08DZ60

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
   Quick Start Guide
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
   Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
   Quick Start Guide
logo
Zilog, Inc.
QS0075 ZILOG-QS0075 Datasheet
1Mb / 19P
   Quick Start Guide
QS0086 ZILOG-QS0086 Datasheet
291Kb / 18P
   Quick Start Guide
logo
NXP Semiconductors
MPC830X-TLCD NXP-MPC830X-TLCD Datasheet
934Kb / 4P
   Quick Start Guide
11/3/11
logo
Silicon Laboratories
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
   Quick Start Guide
logo
Maxim Integrated Produc...
MAXREFDES143 MAXIM-MAXREFDES143 Datasheet
3Mb / 15P
   Quick Start Guide
UG6296 ; Rev 0; 6/16
logo
Freescale Semiconductor...
DEMO9S08QG8QSG FREESCALE-DEMO9S08QG8QSG Datasheet
56Kb / 2P
   DEMO9S08QG8 Quick Start Guide
logo
NXP Semiconductors
UM10505 PHILIPS-UM10505 Datasheet
1Mb / 17P
   OM11057 quick start guide
Rev. 2-10 April 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com