Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 1210
Description  1210 Series Heavy Duty AC Surge Protective Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1210 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  1210 Datasheet HTML 1Page - Bourns Electronic Solutions 1210 Datasheet HTML 2Page - Bourns Electronic Solutions 1210 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
100 kA max. discharge current rating
Multi-pole uni-block design
DIN Rail mountable
UL 60691 compliant integrated thermal
disconnect
Visual fault indicator
Remote signalling capability
Compact design ideal for limited spaces
Standards compliance:
RoHS compliant*
1210 Series Heavy Duty AC Surge Protective Device
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
The Bourns® Model 1210 Series is a heavy duty Surge Protective Device (SPD)
designed to protect high risk electrical service entrance and branch panels. This SPD is
intended to be installed at the front end of the installation, in the main switchboard, close
to sensitive terminals or in installations without LPS (lightning rods).
The Model 1210 Series is a single-pole module that can be configured for both common
mode and differential mode protection in single and three phase applications up to 600 V.
Electrical Characteristics
General Characteristics
Environmental Characteristics
Characteristic
Model No.
1210-xS-120
1210-xS-230
1210-xS-400
1210-xS-600
AC Network
120/240 V,
120/208 V
220/380 V,
240/415 V
220/380 V,
277/480 V,
347/600 V
480 V,
600 V
Connection Mode
1-Pole, L-N or L-G
AC System
IT, TT, TN, Single, Split Phase, Delta, Wye
Max. Operating Voltage (MCOV)
150 V
275 V
400 V
840 V
TOV Withstand
150 V
275 V
400 V
840 V
Leakage Current at Uc
< 1 mA
Follow Current
None
UL Nominal Discharge Current (In)
15 Impulses 8/20 µs
20 kA
Max. Discharge Current (Imax)
1 Impulse 8/20 µs
100 kA
Max. Lightning Current (Iimp)
1 Impulse 10/350 µs
--
UL Voltage Protection Rating (VPR)
600 V
900 V
1200 V
3000 V
Protection Level (Up)
0.9 kV
1.25 kV
1.8 kV
4.0 kV
UL Short-Circuit Current Rating (SCCR)
100kAIC
Characteristic
Model No.
1210-xS-120
1210-xS-230
1210-xS-400
1210-xS-600
Thermal Disconnector
UL 60691
Overcurrent Protection
Time Delay - 125 A Max.
Connection
By Screw Terminals, #6 AWG Max.
Dimensions
90 x 18 x 67 mm / (3.543 x 0.709 x 2.638 In.)
Mounting
DIN Rail, 35 mm Symmetrical
Remote Signal Indicator
250 V Max., 2 A
Enclosure Material
Thermoplastic UL 94V0
Characteristic
Model No.
1210-xS-120
1210-xS-230
1210-xS-400
1210-xS-600
Operating Temperature
-50 °C to +85 °C
Operating Altitude
13,000 ft. (4,000 m)
Relative Humidity
5 to 95 % Non-condensing, up to 100 % External
Environmental Rating
IP 20
Electrical Diagram
General Information
Ft
Ft
V
V
L/N
C
. .
.
Mi
V : High energy varistor
Ft : Thermal fuse
C : Remote signaling contact
Mi : Disconnection indicator
t° : Thermal disconnection system


Similar Part No. - 1210

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1210 FRONTIER-1210 Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
logo
Kemet Corporation
1210 KEMET-1210 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Tyco Electronics
1210 MACOM-1210 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
TE Connectivity Ltd
1210 TEC-1210 Datasheet
211Kb / 7P
   PC Board Mountable Pressure Sensor
logo
Yantel Corporation
1210 YANTEL-1210 Datasheet
311Kb / 2P
   Variable RF Inductor
More results

Similar Description - 1210

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1250-XS-120 BOURNS-1250-XS-120 Datasheet
389Kb / 3P
   General Duty AC Surge Protective Device
1250-1S-120 BOURNS-1250-1S-120 Datasheet
379Kb / 3P
   General Duty AC Surge Protective Device
logo
Okaya Electric America,...
R26-900-BGL OKAYA-R26-900-BGL Datasheet
626Kb / 2P
   SPD (Surge Protective Device)
logo
Bourns Electronic Solut...
1202 BOURNS-1202 Datasheet
362Kb / 3P
   1202 Series Hardwired AC Hybrid Surge Protective Device (H-SPD)
REV. 14 - 12/19
1320 BOURNS-1320 Datasheet
259Kb / 2P
   DC Power Surge Protective Device
logo
LUMEX INC.
GT-CM145L LUMEX-GT-CM145L Datasheet
51Kb / 1P
   HEAVY DUTY CERAMIC SURGE POTECTOR
GT-CM470L LUMEX-GT-CM470L Datasheet
60Kb / 1P
   HEAVY DUTY DERAMIC SURGE PROTECTOR
GT-CM600L LUMEX-GT-CM600L Datasheet
54Kb / 1P
   HEAVY DUTY CERAMIC SURGE PROTECTOR
GT-CM800L LUMEX-GT-CM800L Datasheet
56Kb / 1P
   HEAVY DUTY CERAMIC SURGE PROTECTOR
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com