Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGM1232E Datasheet(PDF) 2 Page - AZ Displays

Part # AGM1232E
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM1232E Datasheet(HTML) 2 Page - AZ Displays

  AGM1232E Datasheet HTML 1Page - AZ Displays AGM1232E Datasheet HTML 2Page - AZ Displays AGM1232E Datasheet HTML 3Page - AZ Displays AGM1232E Datasheet HTML 4Page - AZ Displays AGM1232E Datasheet HTML 5Page - AZ Displays AGM1232E Datasheet HTML 6Page - AZ Displays AGM1232E Datasheet HTML 7Page - AZ Displays AGM1232E Datasheet HTML 8Page - AZ Displays AGM1232E Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AGM1232E SERIES GRAPHIC MODULE
AZ DISPLAYS, INC.
1
1.0 MECHANICAL SPECS
1.
Item
Description
2.
Overall Module Size
66.1mm(W) x 27.3mm(H) x max 8.5mm(D)
3.
Dot Size
0.40mm(W) x 0.45mm(H)
4.
Dot Pitch
0.44mm(W) x 0.49mm(H)
5.
Duty
1/32
6.
Controller IC
SED1520FOA/DOA
7.
LC Fluid Options
STN, FSTN
8.
Polarizer Options
Reflective, Transflective, Transmissive
9.
Backlight Options
EL
10. Temperature Range Options
Standard (0ºC ~ 50ºC), Wide (-20ºC ~ 70ºC)
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature (Standard)
Top
0
-
50
ºC
Storage temperature (Standard)
Tst
-20
-
70
ºC
Operating temperature (Wide temperature)
Top
-20
-
70
ºC
Storage temperature (Wide temperature)
Tst
-30
-
80
ºC
Input voltage
Vin
Vss
Vdd
V
Supply voltage for logic
Vdd- Vss
-0.3
-
7.0
V
Supply voltage for LCD drive
Vdd- Vee
5.0
6.5
9.5
V


Similar Part No. - AGM1232E

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1232C AZDISPLAYS-AGM1232C Datasheet
651Kb / 11P
   LCD MODULE
AGM1232D AZDISPLAYS-AGM1232D Datasheet
580Kb / 12P
   MECHANICAL DATA
AGM1232F AZDISPLAYS-AGM1232F Datasheet
370Kb / 14P
   LCD MODULE
AGM1232G AZDISPLAYS-AGM1232G Datasheet
165Kb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM1232G ZETTLER-AGM1232G Datasheet
274Kb / 14P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM1232E

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com