Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25CL1A120 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PM25CL1A120
Description  Three Phase IGBT Inverter 25 Amperes/1200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM25CL1A120 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PM25CL1A120 Datasheet HTML 1Page - Powerex Power Semiconductors PM25CL1A120 Datasheet HTML 2Page - Powerex Power Semiconductors PM25CL1A120 Datasheet HTML 3Page - Powerex Power Semiconductors PM25CL1A120 Datasheet HTML 4Page - Powerex Power Semiconductors PM25CL1A120 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PM25CL1A120
Intellimod™ L1-Series
Three Phase IGBT Inverter
25 Amperes/1200 Volts
5
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
03/10 Rev. 1
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi - TYPICAL)
101
10-1
10-2
10-3
100
101
100
10-1
10-2
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.97°C/W
(IGBT)
Rth(j-c) =
1.60°C/W
(FWDi)
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL)
100
101
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL)
100
101
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL)
100
101
102
10-1
100
101
CIRCUIT FREQUENCY, fC, (kHz)
CIRCUIT CURRENT VS.
CIRCUIT FREQUENCY CHARACTERISTICS
(N-SIDE - TYPICAL)
50
30
40
10
20
0
VD = 15V
Tj = 25°C
Tj = 125oC
0
20
25
15
10
5
-50
50
0
100
150
JUNCTION TEMPERATURE, Tj, (°C)
TRIP LEVEL / RESET LEVEL VS.
JUNCTION TEMPERATURE
CHARACTERISTICS (TYPICAL)
20
16
4
8
12
0
-40 -20
20 40 60 80
0
100 120 140
2.0
1.6
0.4
0.8
1.2
0
UV
UVr
JUNCTION TEMPERATURE, Tj, (°C)
SHORT CIRCUIT TRIP LEVEL VS.
JUNCTION TEMPERATURE
CHARACTERISTICS (TYPICAL)
CIRCUIT FREQUENCY, fC, (kHz)
CIRCUIT CURRENT VS.
CIRCUIT FREQUENCY CHARACTERISTICS
(P-SIDE - TYPICAL)
50
30
40
10
20
0
VD = 15V
Tj = 25°C
Tj = 125oC
0
20
25
15
10
5
VD = 15V
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL)
100
101
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C


Similar Part No. - PM25CL1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM25CL1A120 MITSUBISHI-PM25CL1A120 Datasheet
149Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM25CL1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM25CLB120 POWEREX-PM25CLB120 Datasheet
116Kb / 3P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM25RL1A120 POWEREX-PM25RL1A120 Datasheet
823Kb / 7P
   Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
PM200CLA120 POWEREX-PM200CLA120 Datasheet
302Kb / 6P
   Three Phase IGBT Inverter 200 Amperes/1200 Volts
PM300CLA120 POWEREX-PM300CLA120 Datasheet
296Kb / 6P
   Three Phase IGBT Inverter 300 Amperes/1200 Volts
PM25CL1B120 POWEREX-PM25CL1B120 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM150RL1A120 POWEREX-PM150RL1A120 Datasheet
718Kb / 7P
   Three Phase IGBT Inverter Brake 150 Amperes/1200 Volts
PM100RL1A120 POWEREX-PM100RL1A120 Datasheet
715Kb / 7P
   Three Phase IGBT Inverter Brake 100 Amperes/1200 Volts
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RL1C120 POWEREX-PM25RL1C120 Datasheet
387Kb / 4P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com