Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50CL1A060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM50CL1A060
Description  Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50CL1A060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM50CL1A060 Datasheet HTML 1Page - Powerex Power Semiconductors PM50CL1A060 Datasheet HTML 2Page - Powerex Power Semiconductors PM50CL1A060 Datasheet HTML 3Page - Powerex Power Semiconductors PM50CL1A060 Datasheet HTML 4Page - Powerex Power Semiconductors PM50CL1A060 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Intellimod™ L1-Series
Three Phase
IGBT Inverter
50 Amperes/600 Volts
PM50CL1A060
1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
03/10 Rev. 1
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
£
Complete Output Power
Circuit
£
Gate Drive Circuit
£
Protection Logic
– Short Circuit
– Over Temperature
Using On-chip
Temperature Sensing
– Under Voltage
£
Low Loss Using Full Gate
CSTBTIGBT Chip
Applications:
£
Inverters
£
UPS
£
Motion/Servo Control
£
Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM50CL1A060 is a 600V,
50 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
50
60
Dimensions
Inches
Millimeters
A
4.72
120.0
B
2.17
55.0
C
0.63
16.0
D
4.17
106.0
E
0.28
7.0
F
0.78
19.75
G
2.62
66.5
H
0.13
3.25
J
0.63
16.0
K
0.08
2.0
L
0.47
12.0
M
1.08
27.5
N
0.57
13.5
P
0.43
11.0
Q
0.42
10.75
R
1.29
32.75
Dimensions
Inches
Millimeters
S
0.46
11.75
T
0.86+0.04/0.02 22.0+1.0/-0.5
U
0.91
23.0
V
0.57
14.5
W
1.26
32.0
X
1.24
31.5
Y
0.69
17.5
Z
Screw Depth 12
AA
0.51
13.0
AB
M5 Metric
M5
AC
0.22 Dia.
5.5 Dia.
AD
0.28
7.0
AE
0.12
3.0
AF
0.02 Sq.
0.5 Sq.
AG
0.10 Dia.
2.5 Dia.
Outline Drawing and Circuit Diagram
OT
OT
OT
OT
P
U
UN
NC
1.5k
1.5k
1.5k
1.5k
FO VNC WN VN1
VN
VWPC
WP
WFO
VWP1
VVPC
VP
VFO
VVP1
VUPC
UP
UFO
VUP1
V
W
N
NC
OT
OT
AD
AE
Z
T
AA
C
X
N
P
B
U
V
W
1
5
9
19
19 FO
17 VN
14 VN1
11 WP
8 VVP1
2 UFO
6 VFO
5 VVPC
3 UP
7 VP
9 VWPC
10 WFO
12 VWP1
1 VUPC
4 VUP1
16 UN
15 NC
18 WN
13 VNC
TERMINAL
CODE
Q
R
V
Y
Y
L
W
P
A
D
E
G
F
H
J
J
J
K
K
K
K
U
L
U
U
S
N
M
B
AB
(6 PLACES)
AC
(2 PLACES)
AF
AG
(2 PLACES)
F


Similar Part No. - PM50CL1A060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CL1A060 MITSUBISHI-PM50CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50CL1A060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM50CL1B060 POWEREX-PM50CL1B060 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/600 Volts
PM50RL1A060 POWEREX-PM50RL1A060 Datasheet
816Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
PM50RL1B060 POWEREX-PM50RL1B060 Datasheet
723Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
PM50RL1C060 POWEREX-PM50RL1C060 Datasheet
440Kb / 4P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
PM75CL1A060 POWEREX-PM75CL1A060 Datasheet
692Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 75 Amperes/600 Volts
PM75CL1B060 POWEREX-PM75CL1B060 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 75 Amperes/600 Volts
PM100CL1A060 POWEREX-PM100CL1A060 Datasheet
694Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 100 Amperes/600 Volts
PM50CL1A120 POWEREX-PM50CL1A120 Datasheet
693Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/1200 Volts
PM50CL1B120 POWEREX-PM50CL1B120 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/1200 Volts
PM75RL1B060 POWEREX-PM75RL1B060 Datasheet
729Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 75 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com