Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-3 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # CNY17-3
Description  High collector-emitter voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

CNY17-3 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  CNY17-3 Datasheet HTML 1Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 2Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 3Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 4Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 5Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 6Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 7Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 8Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
* High collector-emitter voltage
( VCEO = 70V )
* High input-output isolation voltage
( Viso = 5,000Vrms )
* Response time
( tr : TYP. 5µs at VCC = 10V, IC=2mA, RL = 100Ω )
* Current transfer ratio
( CTR : MIN. 40% at IF = 10mA, VCE = 5V )
* Dual-in-line package :
CNY17-1, CNY17-2, CNY17-3, CNY17-4
* Wide lead spacing package :
CNY17-1M, CNY17-2M, CNY17-3M, CNY17-4M
* Surface mounting package :
CNY17-1S, CNY17-2S, CNY17-3S, CNY17-4S
* Tape and reel packaging :
(TYPE I) CNY17-1S-TA1, CNY17-2S-TA1, CNY17-3S-TA1, CNY17-4S-TA1
* UL approved ( No. E113898 )
* FIMKO approved ( No. 209049 )
* NEMKO approved ( No. P99102464 )
* DEMKO approved ( No. 99-04182 )
* SEMKO approved ( No. 9943380 / 01-20 )
* VDE approved ( No. 094722 )
* CSA approve in progress
Part No. : CNY17-1 thru CNY17-4 SERIES
Page :
1 of 9
BNS-OD-C131/A4


Similar Part No. - CNY17-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-3 VISHAY-CNY17-3 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
ISOCOM COMPONENTS
CNY17-3 ISOCOM-CNY17-3 Datasheet
128Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Toshiba Semiconductor
CNY17-3 TOSHIBA-CNY17-3 Datasheet
323Kb / 6P
   IRED & PHOTO-TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
Lite-On Technology Corp...
CNY17-3 LITEON-CNY17-3 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
logo
QT Optoelectronics
CNY17-3 QT-CNY17-3 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-3

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
CNY17F-2M LITEON-CNY17F-2M Datasheet
171Kb / 9P
   High collector-emitter voltage
CNY17F-2 LITEON-CNY17F-2 Datasheet
171Kb / 9P
   High collector-emitter voltage
logo
New Jersey Semi-Conduct...
2N6282 NJSEMI-2N6282 Datasheet
229Kb / 2P
   COLLECTOR-EMITTER VOLTAGE
2N6051 NJSEMI-2N6051 Datasheet
146Kb / 1P
   COLLECTOR-EMITTER VOLTAGE
logo
SHIKUES Electronics
2SB806 SKTECHNOLGY-2SB806 Datasheet
685Kb / 1P
   High collector to emitter voltage
logo
New Jersey Semi-Conduct...
2N6413 NJSEMI-2N6413 Datasheet
182Kb / 2P
   COLLECTOR-EMITTER VOLTAGE
2N5428 NJSEMI-2N5428 Datasheet
176Kb / 1P
   COLLECTOR EMITTER VOLTAGE
2N4904 NJSEMI-2N4904 Datasheet
149Kb / 1P
   COLLECTOR-EMITTER VOLTAGE
logo
Sharp Corporation
PC4H510NIP0F SHARP-PC4H510NIP0F Datasheet
194Kb / 12P
   Mini-flat Half-pitch Package, High Collector-emitter Voltage High Collector-emitter Voltage
logo
New Jersey Semi-Conduct...
2N6554 NJSEMI-2N6554 Datasheet
134Kb / 1P
   COLLECTOR-EMITTER VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com