Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6004D5 Datasheet(PDF) 4 Page - Littelfuse

Part # L6004D5
Description  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6004D5 Datasheet(HTML) 4 Page - Littelfuse

  L6004D5 Datasheet HTML 1Page - Littelfuse L6004D5 Datasheet HTML 2Page - Littelfuse L6004D5 Datasheet HTML 3Page - Littelfuse L6004D5 Datasheet HTML 4Page - Littelfuse L6004D5 Datasheet HTML 5Page - Littelfuse L6004D5 Datasheet HTML 6Page - Littelfuse L6004D5 Datasheet HTML 7Page - Littelfuse L6004D5 Datasheet HTML 8Page - Littelfuse L6004D5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
54
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Junction Temperature (T
J)- ºC
110
125
85
60
35
10
-40
-40
-65
4.0
0.0
1.0
2.0
3.0
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
110
125
85
60
35
10
-40
-40
-65
2.0
0.0
0.5
1.0
1.5
RMS On-State Current (I
T(RMS)) - Amps
5.0
4.0
2.0
3.0
1.0
0.0
0.0
2.0
4.0
CURRENT WAVE FORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
3.0
1.0
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current
RMS On-State Current (I
T(RMS)) - Amps
6
34
5
2
1
0
110
Lxx04Ly
Lxx04Dy
CURRENT WAVE FORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
CASETEMPERATURE: Measured as shown
on Dimensional Drawing
70
60
75
80
85
90
95
100
105
65
Lxx04Vyz
Lxx04Ry
LXX04Vy
Figure 8: Maximum Allowable Ambient Temperature
vs. On-State Current
RMS On-State Current [I
T(RMS)] - Amps
2.0
1.01.2
1.41.6
1.8
0.6
0.8
0.4
0.2
0.0
120
100
80
60
40
20
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
FREE AIR RATING – NO HEATSINK
L/Qxx04Vy
Qxx04Ly
Qxx04Ry
Lxx04Ly
Figure 7: Maximum Allowable Case Temperature
vs. On-State Current
RMS On-State Current (I
T(RMS)) - Amps
6
34
5
2
1
0
110
Lxx04Ly
Lxx04Dy
CURRENT WAVE FORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
CASETEMPERATURE: Measured as shown
on Dimensional Drawing
70
60
75
80
85
90
95
100
105
65
Lxx04Vyz
Lxx04Ry
LXX04Vy
Note: xx = voltage, y = sensitivity


Similar Part No. - L6004D5

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L6004D5 TECCOR-L6004D5 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6004D5 LITTELFUSE-L6004D5 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6004D5 TECCOR-L6004D5 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004D5 LITTELFUSE-L6004D5 Datasheet
176Kb / 8P
   Sensitive Triacs
L6004D5 LITTELFUSE-L6004D5 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L6004D5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com