Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP11EP Datasheet(PDF) 9 Page - Analog Devices

Part # OP11EP
Description  Quad Matched 741-Type Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EP Datasheet(HTML) 9 Page - Analog Devices

Back Button OP11EP Datasheet HTML 4Page - Analog Devices OP11EP Datasheet HTML 5Page - Analog Devices OP11EP Datasheet HTML 6Page - Analog Devices OP11EP Datasheet HTML 7Page - Analog Devices OP11EP Datasheet HTML 8Page - Analog Devices OP11EP Datasheet HTML 9Page - Analog Devices OP11EP Datasheet HTML 10Page - Analog Devices OP11EP Datasheet HTML 11Page - Analog Devices OP11EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OP11
Rev. B | Page 9 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.110 (2.79)
0.070 (1.78)
0.050 (1.27)
0.045 (1.14)
14
1
7
8
0.100 (2.54)
BSC
0.775 (19.69)
0.750 (19.05)
0.735 (18.67)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 21. 14-Lead Plastic Dual In-Line Package [PDIP]
(N-14)
[P Suffix]
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP11EP
0°C to 70°C
14-Lead Plastic Dual In-Line Package (PDIP)
N-14 (P-Suffix)
OP11EPZ1
0°C to 70°C
14-Lead Plastic Dual In-Line Package (PDIP)
N-14 (P-Suffix)
1 Z = RoHS Compliant Part.
For military processed devices, refer to the Standard Microcircuit Drawing (SMD) available at
http://www.dscc.dla.mil/downloads/Milspec/Smd/89801.pdf.
SMD Part Number
Analog Devices, Inc. Equivalent
5962-89801012A
OP11ARCMDA
5962-8980101CA
OP11AYMDA


Similar Part No. - OP11EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP11EP AD-OP11EP Datasheet
137Kb / 8P
   Quad Matched 741-Type Operational Amplifiers
REV. A
OP11EP AD-OP11EP Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
More results

Similar Description - OP11EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP11 AD-OP11_15 Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
OP11 AD-OP11 Datasheet
137Kb / 8P
   Quad Matched 741-Type Operational Amplifiers
REV. A
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP-09 AD-OP-09 Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
OP-11 AD-OP-11_15 Datasheet
727Kb / 7P
   QUAD MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP-09 AD-OP-09_15 Datasheet
727Kb / 7P
   QUAN MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
logo
Motorola, Inc
MC1537 MOTOROLA-MC1537 Datasheet
245Kb / 4P
   MATCHED DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com