Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP27EP Datasheet(PDF) 5 Page - Analog Devices

Part # OP27EP
Description  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27EP Datasheet(HTML) 5 Page - Analog Devices

  OP27EP Datasheet HTML 1Page - Analog Devices OP27EP Datasheet HTML 2Page - Analog Devices OP27EP Datasheet HTML 3Page - Analog Devices OP27EP Datasheet HTML 4Page - Analog Devices OP27EP Datasheet HTML 5Page - Analog Devices OP27EP Datasheet HTML 6Page - Analog Devices OP27EP Datasheet HTML 7Page - Analog Devices OP27EP Datasheet HTML 8Page - Analog Devices OP27EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OP27
Rev. F | Page 5 of 20
VS = ±15 V, −55°C ≤ TA ≤ 125°C, unless otherwise noted.
Table 2.
OP27A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
VOS
30
60
μV
AVERAGE INPUT OFFSET DRIFT
TCVOS2
TCVOSn3
0.2
0.6
μV/°C
INPUT OFFSET CURRENT
IOS
15
50
nA
INPUT BIAS CURRENT
IB
±20
±60
nA
INPUT VOLTAGE RANGE
IVR
±10.3
±11.5
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±10 V
108
122
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±4.5 V to ±18 V
2
16
μV/V
LARGE SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 kΩ, VO = ±10 V
600
1200
V/mV
OUTPUT VOLTAGE SWING
VO
RL ≥ 2 kΩ
±11.5
±13.5
V
1 Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power. A/E grades guaranteed fully
warmed up.
2 The TCVOS performance is within the specifications unnulled or when nulled with RP = 8 kΩ to 20 kΩ. TCVOS is 100% tested for A/E grades, sample tested for G grades.
3 Guaranteed by design.
VS = ±15 V, −25°C ≤ TA ≤ 85°C for OP27J, OP27Z, 0°C ≤ TA ≤ 70°C for OP27EP, and –40°C ≤ TA ≤ 85°C for OP27GP, OP27GS, unless
otherwise noted.
Table 3.
OP27E
OP27G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT ONSET VOLTAGE
VOS
20
50
55
220
μV
AVERAGE INPUT OFFSET DRIFT
TCVOS1
0.2
0.6
0 4
1.8
μV/°C
TCVOSn2
0.2
0.6
0 4
1.8
μV/°C
INPUT OFFSET CURRENT
IOS
10
50
20
135
nA
INPUT BIAS CURRENT
IB
±14
±60
±25
±150
nA
INPUT VOLTAGE RANGE
IVR
±10.5
±11.8
±10.5
±11.8
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±10 V
110
124
96
118
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±4.5 V to ±18 V
2
15
2
32
μV/V
LARGE SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 kΩ, VO = ±10 V
750
1500
450
1000
V/mV
OUTPUT VOLTAGE SWING
VO
RL ≥ 2 kΩ
±11.7
±13.6
±11.0
±13.3
V
1 The TCVOS performance is within the specifications unnulled or when nulled with RP = 8 kΩ to 20 kΩ. TCVOS is 100% tested for A/E grades, sample tested for C/G grades.
2 Guaranteed by design.


Similar Part No. - OP27EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27EP TI-OP27EP Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP27EP AD-OP27EP Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27EP MAXIM-OP27EP Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27EP AD-OP27EP Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27EP AD-OP27EP Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Similar Description - OP27EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com