Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP420G Datasheet(PDF) 6 Page - Analog Devices

Part # OP420G
Description  Quad Micropower Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP420G Datasheet(HTML) 6 Page - Analog Devices

  OP420G Datasheet HTML 1Page - Analog Devices OP420G Datasheet HTML 2Page - Analog Devices OP420G Datasheet HTML 3Page - Analog Devices OP420G Datasheet HTML 4Page - Analog Devices OP420G Datasheet HTML 5Page - Analog Devices OP420G Datasheet HTML 6Page - Analog Devices OP420G Datasheet HTML 7Page - Analog Devices OP420G Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
OP420
–6–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-PIN HERMETIC DIP
14-PIN EPOXY DIP
14
1
7
8
0.310 (7.87)
0.220 (5.59)
PIN 1
0.098 (2.49) MAX
0.005 (0.13) MIN
0.100 (2.54) BSC
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
0.765 (19.94) MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.150
(3.81)
MIN
16-PIN SOL
16
9
8
1
0.1574 (4.00)
0.1497 (3.80)
0.3937 (10.00)
0.3859 (9.80)
0.050 (1.27)
BSC
PIN 1
0.2440 (6.20)
0.2284 (5.80)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
0.0500 (1.27)
0.0160 (0.41)
0.0099 (0.25)
0.0075 (0.19)
OP420CRC/883 20-LEAD LCC
TOP
VIEW
0.358 (9.09)
0.342 (8.69)
SQ
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.028 (0.71)
0.022 (0.56)
45 TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) BSC
0.200 (5.08)
BSC
0.150 (3.81)
BSC
0.075
(1.91)
REF
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
INPUT
OP420
RL
25k
CL
100k
OUTPUT
Figure 2. Small-Signal Transient Response
INPUT
OP420
RL
25k
CL
100pF
OUTPUT
10k
40k
Figure 3. Large-Signal Transient Response


Similar Part No. - OP420G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP420GP AD-OP420GP Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
OP420GS AD-OP420GS Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
More results

Similar Description - OP420G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420CY AD-OP420CY Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
logo
Analog Devices
OP420 AD-OP420_15 Datasheet
121Kb / 8P
   Quad Micropower Operational Amplifier
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com