Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPB982N11Z Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GPB982N11Z
Description  Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OP990 Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GPB982N11Z Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GPB982N11Z Datasheet HTML 1Page - List of Unclassifed Manufacturers GPB982N11Z Datasheet HTML 2Page - List of Unclassifed Manufacturers GPB982N11Z Datasheet HTML 3Page - List of Unclassifed Manufacturers GPB982N11Z Datasheet HTML 4Page - List of Unclassifed Manufacturers GPB982N11Z Datasheet HTML 5Page - List of Unclassifed Manufacturers GPB982N11Z Datasheet HTML 6Page - List of Unclassifed Manufacturers GPB982N11Z Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B 10/06
Page 4 of 7
Photologic® Slotted Optical Switch
OPB960, OPB970, OPB980, OP990 Series
For parts built after 2004
OPTEK Technology is TS 16949:2002 certified, any changes will be consistent with TS 16949:2002 procedures.
Electrical Characteristics (TA = -40°C to + 70°C, VCC = 4.5V to 16.0V unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
Input Diode (See OP240 for additional information)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA, TA = 25°C
IR
Reverse Current
-
-
100
µA
VR = 2.0 V, TA = 25°C
Output Photologic® Sensor (See OPL560 series for additional information)
VCC
Operating D.C. Supply Voltage
4.5
-
16.0
V
-
VR(P-P)
Peak-to-Peak VCC voltage ripple
necessary to cause false triggering
-
-
2.0
V
f = DC to 50 MHz
ICC
Supply Current
-
8
12
mA
VCC = 4.5V to 16.0V
VOL
Low Level Supply Voltage:
Totem-Pole
Open-Collector
Inverted Totem-Pole
Inverted Open-Collector
-
-
0.4
V
IOL = 12.8 mA, IF = 0 mA
IOL = 12.8 mA, IF = 0 mA
IOL = 12.8 mA, IF = 15 mA(5)
IOL = 12.8 mA, IF = 15 mA(5)
VOH
High Level Output Current:
Totem-Pole
Open-Collector
Inverted Totem-Pole
Inverted Open-Collector
VCC-2.1
-
-
V
IOH = -1 µA, IF = 15 mA
IOH = -1 µA, IF = 15 mA
IOH = -1 µA, IF = 0 mA(5)
IOH = -1 µA, IF = 0 mA(5)
IOH
High Level Output Current:
Totem-Pole
Open-Collector
Inverted Totem-Pole
Inverted Open-Collector
-
-
100
µA
VOH = 30 V, IF = 15 mA, TA = 25°C
VOH = 30 V, IF = 15 mA, TA = 25°C
VOH = 30 V, IF = 0 mA(5), TA = 25°C
VOH = 30 V, IF = 0 mA(5), TA = 25°C
IF(+)
LED Positive-Going Threshold Current
-
-
15
mA
VCC = 5.0 V, TA = 25°C
IF(+), IF(-) Hysteresis
-
2.0
-
V
VCC = 5.0 V
IOS
Short Circuit Output Current:
Totem-Pole
Inverted Totem-Pole
-15
-
-60
mA
VCC = 5.25 V, IF = 15 mA, VOH = GND
VCC = 5.25 V, IF = 0 mA(5), VOH = GND
trtr
Output Rise Time, Output Fall Time
-
70
-
ns
VCC = 5 V, TA = 25°C, IF = 0 or 15 mA
TPLH, TPHL Propagation Delay Low-High,
Propagation High-Low
-
5.0
-
µs
RL = 8TTL loads (Totem Pole),
RL = 360
(Open-Collector)
Notes:
(1) The OPB880/OPB890 series switches are terminated with 24” (609.600 mm) of 7-strand 26 AWG, UL 1429 insulated wire on each
terminal. Insulation colors and functions are: Anode (red), cathode (black), VCC (white), output (blue), and ground (green). Custom
wire lengths and/or colors are available. Contact your local representative or OPTEK for details.
(2) Normal application would be with light source blocked, simulated by IF = 0 mA.
(3) All parameters are tested using pulse techniques.


Similar Part No. - GPB982N11Z

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB001PA06A1UB CWIND-GPB001PA06A1UB Datasheet
569Kb / 1P
   MINI PUSH BUTTON
GPB023A05BR CWIND-GPB023A05BR Datasheet
572Kb / 1P
   PUSH BUTTON SWITCH
GPB023B05BR CWIND-GPB023B05BR Datasheet
564Kb / 1P
   PUSH BUTTON SWITCH
GPB024A05BB CWIND-GPB024A05BB Datasheet
630Kb / 1P
   PUSH BUTTON SWITCH
GPB024A05BR CWIND-GPB024A05BR Datasheet
613Kb / 1P
   PUSH BUTTON SWITCH
More results

Similar Description - GPB982N11Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB970L55 ETC2-OPB970L55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com