Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA847 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA847
Description  Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA847 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA847 Datasheet HTML 7Page - Texas Instruments OPA847 Datasheet HTML 8Page - Texas Instruments OPA847 Datasheet HTML 9Page - Texas Instruments OPA847 Datasheet HTML 10Page - Texas Instruments OPA847 Datasheet HTML 11Page - Texas Instruments OPA847 Datasheet HTML 12Page - Texas Instruments OPA847 Datasheet HTML 13Page - Texas Instruments OPA847 Datasheet HTML 14Page - Texas Instruments OPA847 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
OPA847
11
SBOS251E
www.ti.com
WIDEBAND, HIGH SENSITIVITY,
TRANSIMPEDANCE DESIGN
The high GBP and low input voltage and current noise for the
OPA847 make it an ideal wideband transimpedance ampli-
fier for low to moderate transimpedance gains. Very high
transimpedance gains (> 100k
Ω) will benefit from the low
input noise current of a JFET input op amp such as the
OPA657. Unity-gain stability in the op amp is not required for
application as a transimpedance amplifier. Figure 3 shows
one possible transimpedance design example that would be
particularly suitable for the 155Mbit data rate of an OC-3
receiver. Designs that require high bandwidth from a large
area detector with relatively low transimpedance gain will
benefit from the low input voltage noise for the OPA847. The
amplifier’s input voltage noise is peaked up over frequency
by the diode source capacitance, and can (in many cases)
become the limiting factor to input sensitivity. The key ele-
ments to the design are the expected diode capacitance (CD)
with the reverse bias voltage (–VB) applied, the desired
transimpedance gain (RF), and the GBP for the OPA847
(3900MHz). With these three variables set (including the
parasitic input capacitance for the OPA847 added to CD), the
feedback capacitor value (CF) can be set to control the
frequency response.
Equation 2 gives the approximate –3dB bandwidth that
results if CF is set using Equation 1.
f
GBP
RC
Hz
dB
FD
=
()
3
2
π
(2)
The example of Figure 3 gives approximately 104MHz flat
bandwidth using the 0.18pF feedback compensation capaci-
tor. This bandwidth easily supports an OC-3 receiver with
exceptional sensitivity.
If the total output noise is bandlimited to a frequency less
than the feedback pole frequency, a very simple expression
for the equivalent input noise current is shown as Equation 3.
(3)
ii
kT
R
EC F
EQ
N
F
ND
=+


+ (
)
2
2
2
4
2
3
π
where:
iEQ = Equivalent input noise current if the output noise is
bandlimited to f < 1/2
πR
FCF
iN = Input current noise for the op amp inverting input
eN = Input voltage noise for the op amp
CD = Total Inverting Node Capacitance
f = Bandlimiting frequency in Hz (usually a post filter prior
to further signal processing)
Evaluating this expression up to the feedback pole frequency
at 74MHz for the circuit of Figure 3 gives an equivalent input
noise current of 3.0pA/
√Hz. This is slightly higher than the
2.5pA/
√Hz input current noise for the op amp. This total
equivalent input current noise is slightly increased by the last
term in the equivalent input noise expression. It is essential
in this case to use a low-voltage noise op amp. For example,
if a slightly higher input noise voltage, but otherwise identical,
op amp were used instead of the OPA847 in this application
(say 2.0nV/
√Hz), the total input referred current noise would
increase to 3.7pA/
√Hz. Low input voltage noise is required
for the best sensitivity in these wideband transimpedance
applications. This is often unspecified for dedicated transim-
pedance amplifiers with a total output noise for a specified
source capacitance given instead. It is the relatively high
input voltage noise for those components that cause higher
than expected output noise if the source capacitance is
higher than specified.
The output DC error for the circuit of Figure 3 is minimized by
including a 12k
Ω to ground on the noninverting input. This
reduces the contribution of input bias current errors (for total
output offset voltage) to the offset current times the feedback
resistor. To minimize the output noise contribution of this
resistor, 0.01
µF and 100pF capacitors are included in paral-
lel. Worst-case output DC error for the circuit of Figure 3 at
25
°C is:
VOS = ±0.5mV (input offset voltage) ± 0.6µA (input offset
current) • 12k
Ω = ±7.2mV
Worst-case output offset DC drift (over the 0
°C to 70°C span) is:
dVOS/dT = ±1.5µV/°C (input offset drift) ± 2nA/°C (input
offset current drift) • 12k
Ω = ±21.5µV/°C.
To achieve a maximally flat 2nd-order Butterworth frequency
response, set the feedback pole as shown in Equation 1.
1
24
ππ
RC
GBP
RC
FF
FD
=
(1)
Adding the common-mode and differential mode input ca-
pacitance (1.2 + 2.5)pF to the 1pF diode source capacitance
of Figure 3, and targeting a 12k
Ω transimpedance gain using
the 3900MHz GBP for the OPA847 requires a feedback pole
set to 74MHz to get a nominal Butterworth frequency re-
sponse design. This requires a total feedback capacitance of
0.18pF. That total is shown in Figure 3, but recall that typical
surface-mount resistors have a parasitic capacitance of 0.2pF,
leaving no external capacitor required for this design.
FIGURE 3. Wideband, High Sensitivity, OC-3 Transimpedance
Amplifier.
R
F
12k
12k
0.1
µF
100pF
Power-supply
decoupling not shown.
λ
OPA847
+5V
–5V
–V
B
C
F
0.18pF
1pF
Photodiode
V
DIS


Similar Part No. - OPA847

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA847 BURR-BROWN-OPA847 Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
logo
Texas Instruments
OPA847 TI1-OPA847 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847 TI1-OPA847 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA847ID BURR-BROWN-OPA847ID Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
OPA847IDBVR BURR-BROWN-OPA847IDBVR Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
More results

Similar Description - OPA847

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA687 BURR-BROWN-OPA687 Datasheet
172Kb / 16P
   Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com