Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA692 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA692
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA692 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA692 Datasheet HTML 7Page - Texas Instruments OPA692 Datasheet HTML 8Page - Texas Instruments OPA692 Datasheet HTML 9Page - Texas Instruments OPA692 Datasheet HTML 10Page - Texas Instruments OPA692 Datasheet HTML 11Page - Texas Instruments OPA692 Datasheet HTML 12Page - Texas Instruments OPA692 Datasheet HTML 13Page - Texas Instruments OPA692 Datasheet HTML 14Page - Texas Instruments OPA692 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
OPA3692
SBOS228E
11
www.ti.com
APPLICATIONS INFORMATION
WIDEBAND BUFFER OPERATION
The OPA3692 gives the exceptional AC performance of a
wideband, current-feedback op amp with a highly linear,
high-power output stage. It features internal RF and RG
resistors that make it easy to select a gain of +2, +1, or
–1 without external resistors. Requiring only 5.1mA/ch quies-
cent current, the OPA3692 swings to within 1V of either
supply rail and delivers in excess of 160mA at room tempera-
ture. This low output headroom requirement, along with
supply voltage independent biasing, gives remarkable +5V
single-supply operation. The OPA3692 will deliver greater
than 200MHz bandwidth driving a 2Vp-p output into 100
Ω on
a +5V single supply. Previous boosted output stage amplifi-
ers have typically suffered from very poor crossover distor-
tion as the output current goes through zero. The OPA3692
achieves a comparable power gain with much better linearity.
Figure 1 shows the DC-coupled, gain of +2, dual power-
supply circuit configuration used as the basis of the
±5V
Electrical and Typical Characteristics. For test purposes, the
input impedance is set to 50
Ω with a resistor to ground and
the output impedance is set to 50
Ω with a series output
resistor. Voltage swings reported in the specifications are
taken directly at the input and output pins while load powers
(dBm) are defined at a matched 50
Ω load. For the circuit of
Figure 1, the total effective load will be 100
Ω || 804Ω = 89Ω.
The disable control line (DIS) is typically left open to ensure
normal amplifier operation. In addition to the usual power-
supply decoupling capacitors to ground, a 0.1
µF capacitor
can be included between the two power-supply pins. This
optional capacitor typically improves the 2nd-harmonic dis-
tortion performance by 3dB to 6dB.
Figure 2 shows the AC-coupled, gain of +2, single-supply
circuit configuration used as the basis of the +5V Electrical and
Typical Characteristics. Though not a rail-to-rail design, the
OPA3692 requires minimal input and output voltage headroom
compared to other very wideband, current-feedback op amps.
It will deliver a 3Vp-p output swing on a single +5V supply with
greater than 150MHz bandwidth. The key requirement of
broadband single-supply operation is to maintain input and
output signal swings within the usable voltage ranges at both
the input and the output. The circuit in Figure 2 establishes an
input midpoint bias using a simple resistive divider from the
+5V supply (two 806
Ω resistors). The input signal is then AC-
coupled into this midpoint voltage bias. The input voltage can
swing to within 1.5V of either supply pin, giving a 2Vp-p input
signal range centered between the supply pins. The input
impedance matching resistor (57.6
Ω) used for testing is ad-
justed to give a 50
Ω input match when the parallel combination
of the biasing divider network is included. The gain resistor
(RG) is AC-coupled, giving the circuit a DC gain of +1, which
puts the input DC bias voltage (2.5V) on the output as well.
Again, on a single +5V supply, the output voltage can swing to
within 1V of either supply pin while delivering more than 120mA
output current. A demanding 100
Ω load to a midpoint bias is
used in this characterization circuit. The new output stage used
in the OPA3692 can deliver large bipolar output currents into
this midpoint load with minimal crossover distortion, as shown
by the +5V supply, 3rd-harmonic distortion plots. Although
Figure 2 shows a single +5V operation, this same circuit is
suitable for applications up to a single +12V supply.
1/3
OPA3692
+5V
–5V
50
Ω Load
50
50
50
Ω Source
R
G
402
R
F
402
+
6.8
µF
0.1
µF
+
6.8
µF
0.1
µF
DIS
V
IN
1/3
OPA3692
+5V
+V
S
DIS
V
S/2
806
100
V
O
V
IN
806
R
G
402
R
F
402
0.1
µF
0.1
µF
+
6.8
µF
0.1
µF
50
Ω Source
57.6
FIGURE 1. DC-Coupled, G = +2, Bipolar Supply, Specifica-
tion and Test Circuit.
FIGURE 2. AC-Coupled, G = +2, Single-Supply Specification
and Test Circuit.
VIDEO RGB AMPLIFIER
The front page shows an RGB amplifier based on the
OPA3692. The package pinout supports a signal flow-through
printed circuit board (PCB). The internal resistors simplify the
PCB even more, while maintaining good gain accuracy. For
systems that need to conserve power, the total supply current
for the disabled OPA3692 is only 450
µA.
This triple op amp could also be used to drive triple video ADCs
to digitize component video.


Similar Part No. - OPA692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692 TI-OPA692 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA692 TI-OPA692 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results

Similar Description - OPA692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com