Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4353EA250 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA4353EA250
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4353EA250 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4353EA250 Datasheet HTML 6Page - Texas Instruments OPA4353EA250 Datasheet HTML 7Page - Texas Instruments OPA4353EA250 Datasheet HTML 8Page - Texas Instruments OPA4353EA250 Datasheet HTML 9Page - Texas Instruments OPA4353EA250 Datasheet HTML 10Page - Texas Instruments OPA4353EA250 Datasheet HTML 11Page - Texas Instruments OPA4353EA250 Datasheet HTML 12Page - Texas Instruments OPA4353EA250 Datasheet HTML 13Page - Texas Instruments OPA4353EA250 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
OPA353, 2353, 4353
®
Figure 5 shows the OPA353 driving an ADS7861. The
ADS7861 is a dual, 12-bit, 500kHz sampling converter in
the small SSOP-24 package. When used with the miniature
package options of the OPA353 series, the combination is
ideal for space-limited and low power applications. For
further information consult the ADS7861 data sheet.
OUTPUT IMPEDANCE
The low frequency open-loop output impedance of the
OPA353’s common-source output stage is approximately
1k
Ω. When the op amp is connected with feedback, this
value is reduced significantly by the loop gain of the op
amp. For example, with 122dB of open-loop gain, the
output impedance is reduced in unity-gain to less than
0.001
Ω. For each decade rise in the closed-loop gain, the
loop gain is reduced by the same amount which results in
a ten-fold increase in output impedance (see the typical
performance curve, “Output Impedance vs Frequency”).
At higher frequencies, the output impedance will rise as
the open-loop gain of the op amp drops. However, at these
frequencies the output also becomes capacitive due to
parasitic capacitance. This prevents the output impedance
from becoming too high, which can cause stability prob-
lems when driving capacitive loads. As mentioned previ-
ously, the OPA353 has excellent capacitive load drive
capability for an op amp with its bandwidth.
VIDEO LINE DRIVER
Figure 6 shows a circuit for a single supply, G = 2 com-
posite video line driver. The synchronized outputs of a
composite video line driver extend below ground. As
shown, the input to the op amp should be ac-coupled and
shifted positively to provide adequate signal swing to
account for these negative signals in a single-supply con-
figuration.
The input is terminated with a 75
Ω resistor and ac-coupled
with a 47
µF capacitor to a voltage divider that provides the
dc bias point to the input. In Figure 6, this point is
approximately (V–) + 1.7V. Setting the optimal bias point
requires some understanding of the nature of composite
video signals. For best performance, one should be careful
to avoid the distortion caused by the transition region of
the OPA353’s complementary input stage. Refer to the
discussion of rail-to-rail input.
FIGURE 5. OPA4353 Driving Sampling A/D Converter.
1/4
OPA4353
V
IN B1
2
3
4
2k
2k
C
B1
CH B1+
CH B1–
CH B0+
CH B0–
CH A1+
CH A1–
CH A0+
CH A0–
REF
IN
REF
OUT
Serial Data A
Serial Data B
BUSY
CLOCK
CS
RD
CONVST
A0
M0
M1
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
1/4
OPA4353
V
IN B0
+5V
6
5
2k
2k
C
B0
1/4
OPA4353
V
IN A1
9
10
8
7
2k
2k
C
A1
1/4
OPA4353
V
IN A0
14
11
112
2k
2k
C
A0
0.1
µF
0.1
µF
+V
A
+V
D
24
13
Serial
Interface
DGND
AGND
ADS7861
V
IN = 0V to 2.45V for 0V to 4.9V output.
Choose C
B1, CB0, CA1, CA0 to filter high frequency noise.


Similar Part No. - OPA4353EA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4353EA250 TI-OPA4353EA250 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
OPA4353EA250G4 TI-OPA4353EA250G4 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
More results

Similar Description - OPA4353EA250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com