Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4353EA2K5G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA4353EA2K5G4
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4353EA2K5G4 Datasheet(HTML) 5 Page - Texas Instruments

  OPA4353EA2K5G4 Datasheet HTML 1Page - Texas Instruments OPA4353EA2K5G4 Datasheet HTML 2Page - Texas Instruments OPA4353EA2K5G4 Datasheet HTML 3Page - Texas Instruments OPA4353EA2K5G4 Datasheet HTML 4Page - Texas Instruments OPA4353EA2K5G4 Datasheet HTML 5Page - Texas Instruments OPA4353EA2K5G4 Datasheet HTML 6Page - Texas Instruments OPA4353EA2K5G4 Datasheet HTML 7Page - Texas Instruments OPA4353EA2K5G4 Datasheet HTML 8Page - Texas Instruments OPA4353EA2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
®
OPA353, 2353, 4353
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
DIFFERENTIAL GAIN/PHASE vs RESISTIVE LOAD
0.5
0.4
0.3
0.2
0.1
0
Resistive Load (
Ω)
0
100
200
300
500
400
600
800
700
900 1000
G = 2
V
O = 1.4V
NTSC Signal Generator
See Figure 6 for test circuit.
Phase
Gain
OPEN-LOOP GAIN vs TEMPERATURE
130
125
120
115
110
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
R
L = 600Ω
R
L = 1kΩ
R
L = 10kΩ
COMMON-MODE AND POWER SUPPLY
REJECTION RATIO vs TEMPERATURE
90
80
70
60
50
110
100
90
80
70
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
CMRR, V
S = 5V
(V
CM = –0.1V to +5.1V)
PSRR
SLEW RATE vs TEMPERATURE
Temperature (
°C)
40
35
30
25
20
15
10
5
0
–75
–50
–25
0
25
50
75
100
125
Negative Slew Rate
Positive Slew Rate
QUIESCENT CURRENT AND
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
100
90
80
70
60
50
40
30
–75
–50
–25
0
25
50
75
100
125
I
Q
+I
SC
–I
SC
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Per Amplifier


Similar Part No. - OPA4353EA2K5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4353EA2K5G4 TI-OPA4353EA2K5G4 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
More results

Similar Description - OPA4353EA2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com