Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4347UAG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA4347UAG4
Description  microPower, Rail-to-Rail Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4347UAG4 Datasheet(HTML) 4 Page - Texas Instruments

  OPA4347UAG4 Datasheet HTML 1Page - Texas Instruments OPA4347UAG4 Datasheet HTML 2Page - Texas Instruments OPA4347UAG4 Datasheet HTML 3Page - Texas Instruments OPA4347UAG4 Datasheet HTML 4Page - Texas Instruments OPA4347UAG4 Datasheet HTML 5Page - Texas Instruments OPA4347UAG4 Datasheet HTML 6Page - Texas Instruments OPA4347UAG4 Datasheet HTML 7Page - Texas Instruments OPA4347UAG4 Datasheet HTML 8Page - Texas Instruments OPA4347UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
OPA347, 2347, 4347
4
SBOS167D
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, and RL = 100kΩ connected to VS/2, unless otherwise noted.
OPEN-LOOP GAIN/PHASE vs FREQUENCY
10
0
–30
–60
–90
–120
–150
–180
Frequency (Hz)
100
1k
10k
100k
1M
100
80
60
40
20
0
–20
POWER-SUPPLY AND COMMON-MODE
REJECTION vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
1M
100
80
60
40
20
0
CMRR
PSRR
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
6
5
4
3
2
1
0
V
S = 5.5V
V
S = 5.0V
V
S = 2.5V
CHANNEL SEPARATION vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
1M
140
120
100
80
60
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
0
Output Current (
±mA)
510
15
20
25
V+
(V+) – 1
(V+) – 2
2
1
0
Sourcing
Sinking
125
°C25°C
–55
°C
–55
°C
QUIESCENT AND SHORT-CIRCUIT CURRENT
vs SUPPLY VOLTAGE
2.0
25
20
15
10
5
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
30
25
20
15
10
I
Q
I
SC


Similar Part No. - OPA4347UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4347UAG4 TI-OPA4347UAG4 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA4347UAG4 TI-OPA4347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA4347UAG4 TI-OPA4347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA4347UAG4 TI1-OPA4347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA4347UAG4 TI-OPA4347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results

Similar Description - OPA4347UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347NA TI-OPA347NA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com