Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1783IS5-TRMPBF Datasheet(PDF) 8 Page - Linear Dimensions Semiconductor

Part # LT1783IS5-TRMPBF
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1783IS5-TRMPBF Datasheet(HTML) 8 Page - Linear Dimensions Semiconductor

Back Button LT1783IS5-TRMPBF Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1783IS5-TRMPBF Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1783IS5-TRMPBF Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1783IS5-TRMPBF Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1783IS5-TRMPBF Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1783IS5-TRMPBF Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1783IS5-TRMPBF Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1783IS5-TRMPBF Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1783IS5-TRMPBF Datasheet HTML 12Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1783
8
1783fd
TYPICAL PERFORMANCE CHARACTERISTICS
Output Saturation Voltage
vs Input Overdrive
Output Short-Circuit Current
vs Temperature
0.1Hz to 10Hz Noise Voltage
Noise Voltage Density
vs Frequency
Input Noise Current vs Frequency
Gain and Phase Shift
vs Frequency
Gain Bandwidth Product
vs Temperature
Slew Rate vs Temperature
INPUT OVERDRIVE (mV)
0
100
10
1
1783 G07
10
20
30
40
50
60
OUTPUT HIGH
VS = ±2.5V
NO LOAD
OUTPUT LOW
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1783 G08
55
50
45
40
35
30
VS = ±5V
SINKING CURRENT
SOURCING CURRENT
TIME (sec)
1783 G09
VS = ±2.5V
0123456789
10
FREQUENCY (Hz)
70
60
50
40
30
20
10
1
100
1k
10k
1783 G10
10
VS = ±2.5V
FREQUENCY (Hz)
3.0
2.5
2.0
1.5
1.0
0.5
0
1
100
1k
10k
1783 G11
10
VS = ±2.5V
FREQUENCY (Hz)
1k
70
60
50
40
30
20
10
0
–10
–20
–30
120
100
80
60
40
20
0
–20
–40
–60
–80
10k
100k
1M
10M
1783 G12
VS = ±2.5V
PHASE
GAIN
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1783 G13
1400
1350
1300
1250
1200
1150
1100
f = 5kHz
VS = ±2.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1783 G14
0.8
0.7
0.6
0.5
0.4
0.3
0.2
VS = ±5V
RISING
FALLING


Similar Part No. - LT1783IS5-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1783IS5-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com