Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100CL1B060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM100CL1B060
Description  Three Phase IGBT Inverter 100 Amperes/600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM100CL1B060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM100CL1B060 Datasheet HTML 1Page - Powerex Power Semiconductors PM100CL1B060 Datasheet HTML 2Page - Powerex Power Semiconductors PM100CL1B060 Datasheet HTML 3Page - Powerex Power Semiconductors PM100CL1B060 Datasheet HTML 4Page - Powerex Power Semiconductors PM100CL1B060 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Intellimod™ L1-Series
Three Phase
IGBT Inverter
100 Amperes/600 Volts
PM100CL1B060
1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
03/10 Rev. 1
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
£
Complete Output Power
Circuit
£
Gate Drive Circuit
£
Protection Logic
– Short Circuit
– Over Temperature
Using On-chip
Temperature Sensing
– Under Voltage
£
Low Loss Using Full Gate
CSTBTIGBT Chip
Applications:
£
Inverters
£
UPS
£
Motion/Servo Control
£
Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM100CL1B060 is a 600V,
100 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
100
60
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.72
120.0
B
2.17
55.0
C
0.63
16.0
D
4.17
106.0
E
0.28
7.0
F
0.78
19.75
G
2.62
66.5
H
0.13
3.25
J
0.63
16.0
K
0.08
2.0
L
0.10
2.5
M
2.81
71.5
N
0.20
5.0
P
0.31
7.75
Q
3.87
98.25
R
0.87
22.0
S
0.10
2.5
T
0.77
19.5
U
0.91
23.0
Dimensions
Inches
Millimeters
V
0.16
4.0
W
1.01
25.75
X
2.00
50.75
Y
0.69
17.5
Z
0.30
7.5
AA
0.98
25.0
AB
0.10 Dia.
Dia. 2.5
AC
0.22 Dia.
Dia. 5.5
AD
0.67
17.0
AE
0.10 Dia.
Dia. 2.5
AF
0.33
8.5
AG
0.08
2.0
AH
0.41
10.5
AJ
1.08
27.5
AK
0.04
1.0
AL
0.02 Sq.
Sq. 0.5
AM
0.06
1.5
AN
0.04
1.0
19 FO
17 VN
14 VN1
11 WP
8 VVP1
2 UFO
6 VFO
5 VVPC
3 UP
7 VP
9 VWPC
10 WFO
12 VWP1
1 VUPC
4 VUP1
16 UN
15 NC
18 WN
13 VNC
TERMINAL
CODE
E
D
A
G
F
L
M
H
J
J
J
K
K
K
K
V
AB
(4 PLACES)
V
N
W
X B
V
V
V
V
V
V
V
V
S
T
U
U
U
R
P
Q
AC
(2 PLACES)
AJ
AH
AF
AG
AL
AN
AK
C
AD
AE
(2 PLACES)
AM
V
V
Y
Y
Z
AA
N
P
1
5
9
13
19
W
V
U
B
OT
OT
OT
OT
P
U
UN
NC
1.5k
1.5k
1.5k
1.5k
FO VNC WN VN1
VN
VWPC
WP
WFO
VWP1
VVPC
VP
VFO
VVP1
VUPC
UP
UFO
VUP1
V
W
N
NC
OT
OT


Similar Part No. - PM100CL1B060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100CL1B060 MITSUBISHI-PM100CL1B060 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100CL1B060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100RL1B060 POWEREX-PM100RL1B060 Datasheet
728Kb / 7P
   Three Phase IGBT Inverter Brake 100 Amperes/600 Volts
PM600CLA060 POWEREX-PM600CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 600 Amperes/600 Volts
PM150CL1B060 POWEREX-PM150CL1B060 Datasheet
609Kb / 5P
   Three Phase IGBT Inverter 150 Amperes/600 Volts
PM150CL1A060 POWEREX-PM150CL1A060 Datasheet
694Kb / 5P
   Three Phase IGBT Inverter 150 Amperes/600 Volts
PM450CLA060 POWEREX-PM450CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 450 Amperes/600 Volts
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM100CSA060 POWEREX-PM100CSA060 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM100CSD060 POWEREX-PM100CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM100CL1A060 POWEREX-PM100CL1A060 Datasheet
694Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 100 Amperes/600 Volts
PM300RL1A060 POWEREX-PM300RL1A060 Datasheet
719Kb / 7P
   Three Phase IGBT Inverter Brake 300 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com