Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100RL1A120 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PM100RL1A120
Description  Three Phase IGBT Inverter Brake 100 Amperes/1200 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM100RL1A120 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PM100RL1A120 Datasheet HTML 1Page - Powerex Power Semiconductors PM100RL1A120 Datasheet HTML 2Page - Powerex Power Semiconductors PM100RL1A120 Datasheet HTML 3Page - Powerex Power Semiconductors PM100RL1A120 Datasheet HTML 4Page - Powerex Power Semiconductors PM100RL1A120 Datasheet HTML 5Page - Powerex Power Semiconductors PM100RL1A120 Datasheet HTML 6Page - Powerex Power Semiconductors PM100RL1A120 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PM100RL1A120
Intellimod™ L1-Series
Three Phase IGBT Inverter + Brake
100 Amperes/1200 Volts
5
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
11/12 Rev. 2
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
COLLECTOR RECOVERY CURRENT, -I
C, (AMPERES)
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING LOSS (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART)
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING LOSS (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL - INVERTER PART)
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL - INVERTER PART)
0
2.5
2.0
1.5
1.0
0.5
103
102
101
100
VD = 15V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL - INVERTER PART)
0
40
140
100 120
60
80
VD = 15V
Tj = 25°C
Tj = 125°C
20
2.5
2.0
1.5
1.0
0.5
0
SUPPLY VOLTAGE, V
D, (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE
VS. SUPPLY VOLTAGE CHARACTERISTICS
(TYPICAL - INVERTER PART)
12
16
18
17
IC = 100A
Tj = 25°C
15
14
13
2.4
2.2
2.0
1.8
1.4
1.6
1.2
1.0
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL - INVERTER PART)
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL - INVERTER PART)
0
0.5
1.0
1.5
2.0
0
VD = 17V
15
13
Tj = 25°C
140
100
120
40
80
60
20
COLLECTOR RECOVERY CURRENT, -IC, (AMPERES)
SWITCHING RECOVERY
LOSS CHARACTERISTICS
(TYPICAL - INVERTER PART)
0
20
40
120
100
60
80
COLLECTOR RECOVERY CURRENT, -I
C, (AMPERES)
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
50
40
30
20
10
0
0
20
40
120
100
60
80
1.0
0.8
0.6
0.4
0.2
0
16
12
8
4
0
0
20
40
120
80
100
60
0
20
40
120
80
100
60
0
20
40
120
80
100
60
16
12
8
4
0
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
7
5
6
4
2
1
3
0
Tj = 25°C
Tj = 125°C


Similar Part No. - PM100RL1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100RL1A120 MITSUBISHI-PM100RL1A120 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100RL1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM25RL1A120 POWEREX-PM25RL1A120 Datasheet
823Kb / 7P
   Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
PM150RL1A120 POWEREX-PM150RL1A120 Datasheet
718Kb / 7P
   Three Phase IGBT Inverter Brake 150 Amperes/1200 Volts
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
PM100RL1B060 POWEREX-PM100RL1B060 Datasheet
728Kb / 7P
   Three Phase IGBT Inverter Brake 100 Amperes/600 Volts
PM150RSD120 POWEREX-PM150RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
PM15RSH120 POWEREX-PM15RSH120 Datasheet
99Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (15 Amperes/1200 Volts)
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM50RL1B120 POWEREX-PM50RL1B120 Datasheet
730Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/1200 Volts
PM25RL1C120 POWEREX-PM25RL1C120 Datasheet
387Kb / 4P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com