Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM150CL1B060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM150CL1B060
Description  Three Phase IGBT Inverter 150 Amperes/600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150CL1B060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM150CL1B060 Datasheet HTML 1Page - Powerex Power Semiconductors PM150CL1B060 Datasheet HTML 2Page - Powerex Power Semiconductors PM150CL1B060 Datasheet HTML 3Page - Powerex Power Semiconductors PM150CL1B060 Datasheet HTML 4Page - Powerex Power Semiconductors PM150CL1B060 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PM150CL1B060
Intellimod™ L1-Series
Three Phase IGBT Inverter
150 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
4
04/09
COLLECTOR CURRENT, -IC, (AMPERES)
COLLECTOR CURRENT, -IC, (AMPERES)
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING LOSS (ON) VS.
COLLECTOR CURRENT
(TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING LOSS (OFF) VS.
COLLECTOR CURRENT
(TYPICAL)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
0
2.0
1.5
1.0
0.5
103
102
101
100
VD = 15V
Tj = 25°C
Tj = 125oC
SUPPLY VOLTAGE, VD, (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE
VS. SUPPLY VOLTAGE CHARACTERISTICS
(TYPICAL)
12
16
18
17
IC = 150A
Tj = 25oC
Tj = 125oC
15
14
13
0
200
120
160
40
80
0
200
120
160
40
80
0
200
120
160
40
80
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
VD = 17V
15
13
Tj = 25°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
VD = 15V
Tj = 25°C
Tj = 125oC
1.5
0.5
0
1.0
2.0
40
80
0
180
120
160
140
100
60
20
2.0
1.8
1.2
1.0
1.6
1.4
2.4
2.2
0
2.0
2.5
1.5
1.0
0.5
80
50
60
70
30
40
10
20
0
0
200
120
160
40
80
0.8
0.5
0.6
0.7
0.3
0.4
0.1
0.2
0
10
8
6
4
2
0
10
8
6
4
2
0
0
200
120
160
40
80
5
4
3
2
1
0
0
200
120
160
40
80
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
COLLECTOR RECOVERY CURRENT, -IC, (AMPERES)
SWITCHING RECOVERY LOSS
CHARACTERISTICS
(TYPICAL)


Similar Part No. - PM150CL1B060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150CL1B060 MITSUBISHI-PM150CL1B060 Datasheet
142Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM150CL1B060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150CL1A060 POWEREX-PM150CL1A060 Datasheet
694Kb / 5P
   Three Phase IGBT Inverter 150 Amperes/600 Volts
PM600CLA060 POWEREX-PM600CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 600 Amperes/600 Volts
PM150CVA060 POWEREX-PM150CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM150CLB060 POWEREX-PM150CLB060 Datasheet
196Kb / 4P
   Intellimod??L-Series Three Phase IGBT Inverter 150 Amperes/600 Volts
PM150CSA060 POWEREX-PM150CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM150CSD060 POWEREX-PM150CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM100CL1B060 POWEREX-PM100CL1B060 Datasheet
611Kb / 5P
   Three Phase IGBT Inverter 100 Amperes/600 Volts
PM450CLA060 POWEREX-PM450CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 450 Amperes/600 Volts
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM150RL1A060 POWEREX-PM150RL1A060 Datasheet
824Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 150 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com