Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-DDWI-M Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T89C51RD2-DDWI-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-DDWI-M Datasheet(HTML) 2 Page - ATMEL Corporation

  T89C51RD2-DDWI-M Datasheet HTML 1Page - ATMEL Corporation T89C51RD2-DDWI-M Datasheet HTML 2Page - ATMEL Corporation T89C51RD2-DDWI-M Datasheet HTML 3Page - ATMEL Corporation T89C51RD2-DDWI-M Datasheet HTML 4Page - ATMEL Corporation T89C51RD2-DDWI-M Datasheet HTML 5Page - ATMEL Corporation T89C51RD2-DDWI-M Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-DDWI-M Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-DDWI-M Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-DDWI-M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
2
Rev. F - 15 February, 2001
T89C51RD2
Power supply:
- M version: Commercial and industrial
4.5V to 5.5V : 40MHz X1 Mode, 20MHz X2 Mode
3V to 5.5V : 33MHz X1 Mode, 16 MHz X2 Mode
- L version: Commercial and industrial
2.7V to 3.6V : 25MHz X1 Mode, 12MHz X2 Mode
Temperature ranges: Commercial (0 to +70°C) and industrial (-40 to +85°C).
Packages: PDIL40, PLCC44, VQFP44, PLCC68, VQFP64
Table 1. Memory Size
3. Block Diagram
PDIL40
PLCC44
VQFP44 1.4
Flash (bytes)
EEPROM (bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
T89C51RD2
64k
2k
1024
1280
32
PLCC68
VQFP64 1.4
Flash (bytes)
EEPROM
(bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
T89C51RD2
64k
2k
1024
1280
48
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(3)
(3)
C51
CORE
(3) (3)
(3) (3)
Port 0 Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
XRAM
1Kx8
IB-bus
PCA
PROG
Watch
Dog
(3)
(3)
(1)
(1): Alternate function of Port 1
(3): Alternate function of Port 3
(1)
Timer2
(1)
(1)
Port 5
Port 4
(2): Only available on high pin count packages
(2)
(2)
Flash
64Kx8
EEPROM
2Kx8


Similar Part No. - T89C51RD2-DDWI-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-DDVCM ATMEL-T89C51RD2-DDVCM Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-DDWI-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com