Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3311-X0-LGIZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PI3311-X0-LGIZ
Description  8V to 36Vin Cool-Power ZVS B uck Regulator Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3311-X0-LGIZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PI3311-X0-LGIZ Datasheet HTML 1Page - List of Unclassifed Manufacturers PI3311-X0-LGIZ Datasheet HTML 2Page - List of Unclassifed Manufacturers PI3311-X0-LGIZ Datasheet HTML 3Page - List of Unclassifed Manufacturers PI3311-X0-LGIZ Datasheet HTML 4Page - List of Unclassifed Manufacturers PI3311-X0-LGIZ Datasheet HTML 5Page - List of Unclassifed Manufacturers PI3311-X0-LGIZ Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3311-X0-LGIZ Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3311-X0-LGIZ Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3311-X0-LGIZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
vicorpower.com
Rev 1.4
Cool-Power
®
800 735.6200
11/2012
Page 5 of 42
PI33XX-X0
Absolute Maximum Ratings
Notes: At 25°C ambient temperature. All voltage nodes are referenced to PGND.
VIN
-0.7V to 36V
VS1
-0.7 to 36V, -4V for 5ns
VOUT
See relevant product section
SGND
100mA
PGD, SYNCO, SYNCI, EN, EAO, ADJ, TRK, ADR1, ADR2, SCL, SDA, REM
-0.3V to 5.5V / 5mA
Storage Temperature
-65°C to 150°C
Operating Junction Temperature
-40°C to 125°C
Soldering Temperature for 20 seconds
260°C
ESD Rating
2kV HBM
Figure 1: Simplified Block Diagram
(I
2C pins SCL, SDA, ADR0, and ADR1 only active for PI33XX-20 and PI33XX-21 versions)
VIN
PGND
SYNCO
PGD
Q1
Q2
VCC
EN
SYNCI
TRK
EAO
ADJ
VS1
Power
Control
Interface
Memory
+
-
VOUT
REM
R4
R2
Vout
R1
ZVS Control
1V


Similar Part No. - PI3311-X0-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3311-X0-LGIZ VICOR-PI3311-X0-LGIZ Datasheet
1Mb / 39P
   8V to 36Vin Cool-Power
More results

Similar Description - PI3311-X0-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI33XX VICOR-PI33XX Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
PI33XX-01 VICOR-PI33XX-01 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator Family
logo
List of Unclassifed Man...
PI60-04-FPIZ ETC2-PI60-04-FPIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
logo
Vicor Corporation
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com