Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200RL1A060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM200RL1A060
Description  Three Phase IGBT Inverter Brake 200 Amperes/600 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM200RL1A060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM200RL1A060 Datasheet HTML 1Page - Powerex Power Semiconductors PM200RL1A060 Datasheet HTML 2Page - Powerex Power Semiconductors PM200RL1A060 Datasheet HTML 3Page - Powerex Power Semiconductors PM200RL1A060 Datasheet HTML 4Page - Powerex Power Semiconductors PM200RL1A060 Datasheet HTML 5Page - Powerex Power Semiconductors PM200RL1A060 Datasheet HTML 6Page - Powerex Power Semiconductors PM200RL1A060 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PM200RL1A060
Intellimod™ L1-Series
Three Phase IGBT Inverter + Brake
200 Amperes/600 Volts
4
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
11/12 Rev. 2
Electrical and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Characteristics,
Tj = 25°C unless otherwise specified
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
IGBT (Per 1 Element) (Note 1)
0.20*
°C/Watt
Inverter Part
Rth(j-c)D
FWDi (Per 1 Element) (Note 1)
0.30*
°C/Watt
Junction to Case Thermal Resistance
Rth(j-c)Q
IGBT (Note 1)
0.32*
°C/Watt
Brake Part
Rth(j-c)D
FWDi (Note 1)
0.53*
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
0.023
°C/Watt
Thermal Grease Applied (Note 1)
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
≤400
Volts
Control Supply Voltage**
VD
Applied between VUP1-VUPC,
15.0 ±1.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Input ON Voltage
VCIN(on)
Applied between UP-VUPC,
≤0.8
Volts
Input OFF Voltage
VCIN(off)
VP-VVPC, WP-VWPC, UN- VN- WN-Br-VNC
≥9.0
Volts
PWM Input Frequency
fPWM
≤20
kHz
Arm Shoot-through Blocking Time
tDEAD
Input Signal
≥2.0
µs
* If you use this value, Rth(f-a) should be measured just under the chips.
** With ripple satisfying the following conditions: dv/dt swing ≤ ±5V/µs, Variation ≤ 2V peak to peak.


Similar Part No. - PM200RL1A060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200RL1A060 MITSUBISHI-PM200RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200RL1A060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300RL1A060 POWEREX-PM300RL1A060 Datasheet
719Kb / 7P
   Three Phase IGBT Inverter Brake 300 Amperes/600 Volts
PM100RL1B060 POWEREX-PM100RL1B060 Datasheet
728Kb / 7P
   Three Phase IGBT Inverter Brake 100 Amperes/600 Volts
PM200RSD060 POWEREX-PM200RSD060 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM200RLA060 POWEREX-PM200RLA060 Datasheet
166Kb / 4P
   Intellimod L-Series Three Phase IGBT Inverter Brake 200 Amperes/600 Volts
PM200RSA060 POWEREX-PM200RSA060 Datasheet
82Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM600CLA060 POWEREX-PM600CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 600 Amperes/600 Volts
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM75RSA060 POWEREX-PM75RSA060 Datasheet
103Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSK060 POWEREX-PM75RSK060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM25RL1A120 POWEREX-PM25RL1A120 Datasheet
823Kb / 7P
   Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com