Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3311-00-LGIZ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PI3311-00-LGIZ
Description  8V to 36Vin Cool-Power ZVS B uck Regulator Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3311-00-LGIZ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PI3311-00-LGIZ Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3311-00-LGIZ Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3311-00-LGIZ Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3311-00-LGIZ Datasheet HTML 9Page - List of Unclassifed Manufacturers PI3311-00-LGIZ Datasheet HTML 10Page - List of Unclassifed Manufacturers PI3311-00-LGIZ Datasheet HTML 11Page - List of Unclassifed Manufacturers PI3311-00-LGIZ Datasheet HTML 12Page - List of Unclassifed Manufacturers PI3311-00-LGIZ Datasheet HTML 13Page - List of Unclassifed Manufacturers PI3311-00-LGIZ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
vicorpower.com
Rev 1.4
Cool-Power
®
800 735.6200
11/2012
Page 10 of 42
PI33XX-X0
PI3318-X0 (1.8 Vout) Electrical Characteristics
Specifications apply for -40C < TJ < 125C, Vin =24V, L1=155nH (Note 1) unless other conditions are noted.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Timing
Switching Frequency
fS
600
kHz
Note 6.
Fault Restart Delay
tFR_DLY
30
ms
Sync In (SYNCI)
Synchronization Frequency Range
∆fSYNCI
50
110
%
Relative to set switching
frequency. Note 3.
SYNCI Threshold
VSYNCI
2.5
V
Sync Out (SYNCO)
SYNCO High
VSYNCO_HI
4.5
V
Source 1mA
SYNCO Low
VSYNCO_LO
0.5
V
Sink 1mA
SYNCO Rise Time
tSYNCO_RT
10
20
ns
20pF load
SYNCO Fall Time
tSYNCO_FT
10
20
ns
20pF load
Soft Start And Tracking
TRK Active Range (Nominal)
VTRK
0
1
V
TRK Enable Threshold
VTRK_OV
20
40
60
mV
Charge Current (Soft – Start)
ITRK
-70
-50
-30
µA
Discharge Current (Fault)
ITRK_DIS
6.8
mA
Soft-Start Time
tSS
2.2
2.6
ms
CTRK = 0
Enable
High Threshold
VEN_HI
0.9
1
1.1
V
Low Threshold
VEN_LO
0.7
0.8
0.9
V
Threshold Hysteresis
VEN_HYS
100
200
300
mV
Enable Pull-Up Voltage (floating,
unfaulted)
VEN_PU
2
V
Enable Pull-Down Voltage (floating,
faulted)
VEN_PD
0
V
Source Current
IEN_SO
-50
uA
Sink Current
IEN_SK
50
uA
Note 1: All parameters reflect regulator and inductor system
performance. Measurements were made using a standard PI33XX
evaluation board with 3x4” dimensions and 4 layer, 2oz copper.
Refer to inductor pairing table within Application Description
section for specific inductor manufacturer and value.
Note 2: Regulator is assured to meet performance specifications
by design, test correlation, characterization, and/or statistical
process control.
Note 3: Output current capability may be limited and other
performance may vary from noted electrical characteristics when
switching frequency or Vout is modified.
Note 4: Refer to Output Ripple plots.
Note 5: Refer to Load Current vs. Ambient Temperature curves.
Note 6: Refer to Switching Frequency vs. Load current curves.


Similar Part No. - PI3311-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results

Similar Description - PI3311-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI33XX VICOR-PI33XX Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
PI33XX-01 VICOR-PI33XX-01 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator Family
logo
List of Unclassifed Man...
PI60-04-FPIZ ETC2-PI60-04-FPIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
logo
Vicor Corporation
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com