Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM450DV1A120 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PM450DV1A120
Description  Single Phase IGBT Inverter Output 450 Amperes/1200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM450DV1A120 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PM450DV1A120 Datasheet HTML 1Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 2Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 3Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 4Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 5Page - Powerex Power Semiconductors PM450DV1A120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PM450DV1A120
Intellimod™ Module
Single Phase IGBT Inverter Output
450 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
5
08/12 Rev. 1
COLLECTOR CURRENT, I
C, (AMPERES)
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
0
100
200
300
400
500
1.0
1.5
0.5
0
VD = 15V
2.0
2.5
CONTROL SUPPLY VOLTAGE, V
D, (VOLTS)
COLLECTOR-EMITTER
SATURATON VOLTAGE CHARACTERISTICS
(TYPICAL)
12
14
13
15
17
16
18
1.5
1.0
2.0
2.5
IC = 450A
Tj = 25°C
Tj = 125°C
COLLECTOR-EMITTER VOLTAGE, V
CE(sat), (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0.5
1.0
1.5
2.0
100
0
VD = 17V
13
Tj = 25°C
200
400
500
300
0
1.0
3.0
2.0
100
0
200
500
400
300
15
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT CHARACTERISTICS
(TYPICAL)
101
101
102
103
100
10-1
ton
VCC = 600V
VD = 15V
INDUCTIVE LOAD
toff
Tj = 25°C
Tj = 125°C
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT CHARACTERISTICS
(TYPICAL)
101
100
101
102
103
10-1
10-2
tc(on)
tc(off)
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING LOSS
COLLECTOR CURRENT CHARACTERISTICS
(TYPICAL)
60
30
40
50
0
300
400
100
200
500
10
20
0
Eoff
Eon
VCC = 600V
VD = 15V
Tj = 25°C
Tj = 125°C
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
0.6
0.5
0
300
400
200
100
500
0.1
0
Irr
trr
0
300
400
200
100
500
300
50
0
0.2
100
0.3
150
0.4
200
250
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
T
j = 25°C
T
j = 125°C
VD = 15V
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE
LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
EMITTER CURRENT, I
E, (AMPERES)
SWITCHING REVERSE RECOVERY
LOSS CHARACTERISTICS
(TYPICAL)
5
10
0
15
20
35
25
30


Similar Part No. - PM450DV1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM450DV1A120 MITSUBISHI-PM450DV1A120 Datasheet
419Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM450DV1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300DV1A120 POWEREX-PM300DV1A120 Datasheet
476Kb / 6P
   Single Phase IGBT Inverter Output 300 Amperes/1200 Volts
PM200DV1A120 POWEREX-PM200DV1A120 Datasheet
462Kb / 6P
   Single Phase IGBT Inverter Output 200 Amperes/1200 Volts
PM450CLA120 POWEREX-PM450CLA120 Datasheet
287Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 450 Amperes/1200 Volts
PM200DVA120 POWEREX-PM200DVA120 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM100DSA120 POWEREX-PM100DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com