Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2594HVMX-3.3 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2594HVMX-3.3
Description  LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594HVMX-3.3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2594HVMX-3.3 Datasheet HTML 7Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 8Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 9Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 10Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 11Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 12Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 13Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 14Page - Texas Instruments LM2594HVMX-3.3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LM2594, LM2594HV
www.ti.com
SNVS118C – DECEMBER 1999 – REVISED APRIL 2013
When using the adjustable version, special care must be taken as to the location of the feedback resistors and
the associated wiring. Physically locate both resistors near the IC, and route the wiring away from the inductor,
especially an open core type of inductor. (See Application Information section for more information.)
Table 1. LM2594/LM2594HV Series Buck Regulator Design Procedure (Fixed Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
Given:
Given:
VOUT = Regulated Output Voltage (3.3V, 5V or 12V)
VOUT = 5V
VIN(max) = Maximum DC Input Voltage
VIN(max) = 12V
ILOAD(max) = Maximum Load Current
ILOAD(max) = 0.4A
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from Figure 21 A. Use the inductor selection guide for the 5V version shown in
Figure 22 or Figure 23. (Output voltages of 3.3V, 5V, or 12V Figure 22.
respectively.) For all other voltages, see the design procedure for the B. From the inductor value selection guide shown in Figure 22, the
adjustable version.
inductance region intersected by the 12V horizontal line and the 0.4A
B. From the inductor value selection guide, identify the inductance vertical line is 100
μH, and the inductor code is L20.
region intersected by the Maximum Input Voltage line and the C. The inductance value required is 100 μH. From Table 5, go to the
Maximum Load Current line. Each region is identified by an L20 line and choose an inductor part number from any of the four
inductance value and an inductor code (LXX).
manufacturers shown. (In most instance, both through hole and
C. Select an appropriate inductor from the four manufacturer's part surface mount inductors are available.)
numbers listed in Table 5.
2. Output Capacitor Selection (COUT)
2. Output Capacitor Selection (COUT)
A. In the majority of applications, low ESR (Equivalent Series A. See OUTPUT CAPACITOR section in Application Information
Resistance) electrolytic capacitors between 82
μF and 220 μF and section.
low ESR solid tantalum capacitors between 15
μF and 100 μF B. From the quick design component selection table shown in
provide the best results. This capacitor should be located close to Figure 24, locate the 5V output voltage section. In the load current
the IC using short capacitor leads and short copper traces. Do not column, choose the load current line that is closest to the current
use capacitors larger than 220
μF.
needed in your application, for this example, use the 0.5A line. In the
For additional information, see OUTPUT CAPACITOR section in maximum input voltage column, select the line that covers the input
Application Information section.
voltage needed in your application, in this example, use the 15V line.
Continuing on this line are recommended inductors and capacitors
B. To simplify the capacitor selection procedure, refer to the quick
that will provide the best overall performance.
design component selection table shown in Figure 24. This table
contains different input voltages, output voltages, and load currents, The capacitor list contains both through hole electrolytic and surface
and lists various inductors and output capacitors that will provide the mount
tantalum
capacitors
from
four
different
capacitor
best design solutions.
manufacturers. It is recommended that both the manufacturers and
the manufacturer's series that are listed in the table be used.
C. The capacitor voltage rating for electrolytic capacitors should be
at least 1.5 times greater than the output voltage, and often much In this example aluminum electrolytic capacitors from several
higher voltage ratings
are
needed
to satisfy the low
ESR different manufacturers are available with the range of ESR numbers
requirements for low output ripple voltage.
needed.
D. For computer aided design software, see Switchers Made
120
μF
25V
Panasonic HFQ Series
Simple™ version 4.1 or later.
120
μF
25V
Nichicon PL Series
C. For a 5V output, a capacitor voltage rating at least 7.5V or more
is needed. But, in this example, even a low ESR, switching grade,
120
μF
10V
aluminum
electrolytic
capacitor
would
exhibit
approximately 400 m
Ω of ESR (see the curve in Figure 26 for the
ESR vs voltage rating). This amount of ESR would result in relatively
high output ripple voltage. To reduce the ripple to 1% of the output
voltage, or less, a capacitor with a higher voltage rating (lower ESR)
should be selected. A 16V or 25V capacitor will reduce the ripple
voltage by approximately half.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2594 LM2594HV


Similar Part No. - LM2594HVMX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2594HVMX-3.3 TI1-LM2594HVMX-3.3 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3 TI1-LM2594HVMX-3.3 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3 TI1-LM2594HVMX-3.3 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3 TI1-LM2594HVMX-3.3 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
LM2594HVMX-3.3/NOPB TI1-LM2594HVMX-3.3/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2594HVMX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597HVM-33 TI-LM2597HVM-33 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com