Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QJD1210011 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QJD1210011
Description  Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QJD1210011 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QJD1210011_14 Datasheet HTML 1Page - Powerex Power Semiconductors QJD1210011_14 Datasheet HTML 2Page - Powerex Power Semiconductors QJD1210011_14 Datasheet HTML 3Page - Powerex Power Semiconductors QJD1210011_14 Datasheet HTML 4Page - Powerex Power Semiconductors QJD1210011_14 Datasheet HTML 5Page - Powerex Power Semiconductors QJD1210011_14 Datasheet HTML 6Page - Powerex Power Semiconductors QJD1210011_14 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
QJD1210011
Split Dual SiC MOSFET Module
100 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Preliminary
2/7/14 Rev. 4
Absolute Maximum Ratings,
Tj = 25 °C unless otherwise specified
Ratings
Symbol
QJD1210011
Units
Drain-Source Voltage (G-S Short)
VDSS
1200
Volts
Gate-Source Voltage
VGSS
-5 / +25
Volts
Drain Current (Continuous) at TC = 150°C
ID
100
Amperes
Drain Current (Pulsed)*
ID(pulse)
250
Amperes
Maximum Power Dissipation (TC = 25°C, Tj < 175°C)
PD
900
Watts
Junction Temperature
Tj
-40 to 175
°C
Storage Temperature
Tstg
-40 to 150
°C
Mounting Torque, M6 Mounting Screws
40
in-lb
Module Weight (Typical)
140
Grams
V Isolation Voltage
VRMS
3000
Volts
* Pulse width and repetition rate should be such that device junction temperature (Tj) does not exceed Tj(max) rating.


Similar Part No. - QJD1210011_14

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QJD1210011 POWEREX-QJD1210011 Datasheet
703Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
More results

Similar Description - QJD1210011_14

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QJD1210011 POWEREX-QJD1210011 Datasheet
703Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010_14 Datasheet
812Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010 Datasheet
700Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QID1210006 POWEREX-QID1210006 Datasheet
798Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
QID1210006 POWEREX-QID1210006_14 Datasheet
905Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
QID1210005 POWEREX-QID1210005 Datasheet
790Kb / 7P
   Split Dual Si/SiC Hybrid IGBT Module 100 Amperes/1200 Volts
KT521205 POWEREX-KT521205 Datasheet
202Kb / 4P
   Split-Dual Darlington Transistor Module (50 Amperes/1200 Volts)
KT521203 POWEREX-KT521203 Datasheet
205Kb / 4P
   Split-Dual Darlington Power Module (30 Amperes/1200 Volts)
KD421210A7 POWEREX-KD421210A7 Datasheet
398Kb / 4P
   Dual Darlington Transistor Module (100 Amperes/1200 Volts)
QJD1210006 POWEREX-QJD1210006 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com