Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA857 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA857
Description  Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA857 Datasheet(HTML) 5 Page - Texas Instruments

  OPA857 Datasheet HTML 1Page - Texas Instruments OPA857 Datasheet HTML 2Page - Texas Instruments OPA857 Datasheet HTML 3Page - Texas Instruments OPA857 Datasheet HTML 4Page - Texas Instruments OPA857 Datasheet HTML 5Page - Texas Instruments OPA857 Datasheet HTML 6Page - Texas Instruments OPA857 Datasheet HTML 7Page - Texas Instruments OPA857 Datasheet HTML 8Page - Texas Instruments OPA857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
GND
CTRL
GND
GND
GND
+V
S
+V
S
+V
S
1
2
3
4
12
11
10
9
OPA857
www.ti.com
SBOS630B – DECEMBER 2013 – REVISED JANUARY 2014
PIN CONFIGURATIONS
RGT PACKAGE
QFN-16
(TOP VIEW)
PIN DESCRIPTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
Control pin for transimpedance gain
CTRL
2
I
0 = 5-k
Ω internal resistance, 1 = 20-kΩ internal resistance
GND
1, 3, 4, 6, 7, 12
I
Ground
IN
15
I
Input
NC
16
Not connected
OUT
8
O
Signal output
OUTN
5
O
Common-mode voltage output reference
Test_IN/+VS
14
I
Must be left floating or connected to +VS for normal operation
Test_SD/GND
13
I
Must be left floating or connected to GND for normal operation
+VS
9-11
I
Supply voltage
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA857


Similar Part No. - OPA857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857TD1 TI1-OPA857TD1 Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857TD2 TI1-OPA857TD2 Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI-OPA857_15 Datasheet
1Mb / 30P
[Old version datasheet]   OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
More results

Similar Description - OPA857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI-OPA857_15 Datasheet
1Mb / 30P
[Old version datasheet]   OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com