Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA857IRGTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA857IRGTR
Description  Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA857IRGTR Datasheet(HTML) 3 Page - Texas Instruments

  OPA857IRGTR Datasheet HTML 1Page - Texas Instruments OPA857IRGTR Datasheet HTML 2Page - Texas Instruments OPA857IRGTR Datasheet HTML 3Page - Texas Instruments OPA857IRGTR Datasheet HTML 4Page - Texas Instruments OPA857IRGTR Datasheet HTML 5Page - Texas Instruments OPA857IRGTR Datasheet HTML 6Page - Texas Instruments OPA857IRGTR Datasheet HTML 7Page - Texas Instruments OPA857IRGTR Datasheet HTML 8Page - Texas Instruments OPA857IRGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OPA857
www.ti.com
SBOS630B – DECEMBER 2013 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS: VS+ – VS– = +3.3 V
At TA = +25°C
(1), V
S = +3.3 V, CSource = 1.5 pF, VOUT = 0.5 VP (differential), RL = 500 Ω differential, single-ended input,
pseudo-differential output, and input and output referenced to midsupply, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(2)
AC PERFORMANCE
CTRL = 1, TA = –40°C to +85°C
130
MHz
C
Small-signal bandwidth
CTRL = 0, TA = –40°C to +85°C
115
MHz
C
SR
Slew rate (differential)
VOUT = 1-V step
220
V/
μs
C
VOUT = 0.5-V step, CTRL = 0, TA = +25°C
7.2
8.1
ns
B
VOUT = 0.5-V step, CTRL = 0, TA = –40°C to +85°C
8.2
ns
B
Settling time to 1%
VOUT = 0.5-V step, CTRL = 1, TA = +25°C
7.7
8.8
ns
B
tS
VOUT = 0.5-V step, CTRL = 1, TA = –40°C to +85°C
9.1
ns
B
VOUT = 0.5-V step, CTRL = 0
152
ns
C
Settling time to 0.001%
VOUT = 0.5-V step, CTRL = 1
165
ns
C
VOUT = 0.5 VPP, f = 10 MHz, RF = 5 kΩ, TA = +25°C
–94
dBc
C
HD2
Second-harmonic distortion
VOUT = 0.5 VPP, f = 10 MHz, RF = 20 kΩ, TA = +25°C
–81
dBc
C
VOUT = 0.5 VPP, f = 10 MHz, RF = 5 kΩ, TA = +25°C
–97
dBc
C
HD3
Third-harmonic distortion
VOUT = 0.5 VPP, f = 10 MHz, RF = 20 kΩ, TA = +25°C
–101
dBc
C
CTRL = 0, NPBW = 85.7 MHz, with 120-MHz, first-
24.9
nARMS
C
order, antialias filter
Equivalent input-referred current
ieq_RMS
noise
CTRL = 1, NPBW = 85.7 MHz, with 120-MHz, first-
14.7
nARMS
C
order, antialias filter
IIN = 100 µA, CTRL = 1, settling to 1% of final value
Overdrive recovery time
15
ns
B
with 120-MHz, first-order, antialias filter
Closed-loop output impedance
f = 1 MHz (differential)
50
C
DC PERFORMANCE
CTRL = 1 into 500
Ω(3)(4)
18.2
k
Ω
C
Transimpedance gain
CTRL = 0 into 500
Ω(3)(4)
4.5
k
Ω
C
Transimpedance gain error
TA = +25°C, RF = 20 kΩ and RF = 5 kΩ
±1
±15
%
A
TA = +25°C
±1
±5
mV
A
VOSO
Output offset voltage
TA = –40°C to +85°C
(5)
±6
mV
B
Output offset voltage drift
TA = –40°C to +85°C
(5)
±15
μV/°C
C
VCM
Common-mode voltage
TA = +25°C, OUTN
1.78
1.83
1.88
V
A
INPUT
Input pin capacitance
2
pF
C
OUTPUT
OUTN, TA = +25°C
0.6
1.9
V
A
Output voltage swing
TA = –40°C to +85°C
(5)
1.9
V
B
+5
mA
C
Output current drive (for linear
OUT, differential 50-
Ω between OUT and OUTN
operation)
–20
mA
C
(1)
Junction temperature = ambient for +70°C specifications.
(2)
Test levels: (A) 100% tested at +25°C. Overtemperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(3)
See the Application Information section for details on loading and effective transimpedance gain.
(4)
Note that the effective transimpedance gain is reduced to 18.2 k
Ω and 4.5 kΩ, respectively, with a 500-Ω load resulting from the internal
series resistance on OUT and OUTN.
(5)
Junction temperature = ambient at low temperature; junction temperature = ambient +3.5°C for overtemperature specifications.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA857


Similar Part No. - OPA857IRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857TD1 TI1-OPA857TD1 Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857TD2 TI1-OPA857TD2 Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI-OPA857_15 Datasheet
1Mb / 30P
[Old version datasheet]   OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
More results

Similar Description - OPA857IRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI-OPA857_15 Datasheet
1Mb / 30P
[Old version datasheet]   OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com