Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40051PWPG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40051PWPG4
Description  IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40051PWPG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40051PWPG4 Datasheet HTML 1Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 2Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 3Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 4Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 5Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 6Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 7Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 8Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TPS40050
TPS40051
TPS40053
SLUS540F − DECEMBER 2002 − REVISED JUNE 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
TA = −40°C to 85°C, VIN = 24 Vdc, RT = 90.9 kΩ, IKFF = 150 µA, fSW = 500 kHz, all parameters at zero power dissipation
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Input voltage range, VIN
8
40
V
OPERATING CURRENT
IDD
Quiescent current
Output drivers not switching,
VFB ≥ 0.75 V
1.5
3.0
mA
BP5
VBP5
Output voltage
IOUT ≤ 1 mA
4.7
5.0
5.2
V
OSCILLATOR/RAMP GENERATOR(2)
fOSC
Accuracy
8 V
≤ VIN ≤ 40 V
470
500
570
kHz
VRAMP PWM ramp voltage(1)
VPEAK−VVAL
2.0
V
VIH
High-level input voltage, SYNC
2
5
V
VIL
Low-level input voltage, SYNC
0.8
V
ISYNC
Input current, SYNC
5
10
µA
Pulse width, SYNC
50
ns
VRT
RT voltage
2.38
2.50
2.58
V
Maximum duty cycle
VFB = 0 V, fSW ≤ 500 kHz
85%
94%
Maximum duty cycle
VFB = 0 V, 500 kHz ≤ fSW ≤ 1 MHz
80%
Minumum duty cycle
VFB ≥ 0.75 V
0%
VKFF
Feed-forward voltage
3.35
3.48
3.65
V
IKFF
Feed-forward current operating range(1)
20
1100
µA
SOFT START
ISS
Soft-start source current
1.75
2.35
2.85
µA
VSS
Soft-start clamp voltage
3.7
V
tDSCH
Discharge time
CSS = 220 pF
1.6
2.2
2.8
s
tSS
Soft-start time
CSS = 220 pF, 0 V ≤ VSS ≤ 1.6 V
115
155
205
µs
BP10
VBP10
Ouput voltage
IOUT ≤ 1 mA
9.0
9.6
10.3
V
ERROR AMPLIFIER
8 V
≤ VIN ≤ 40 V,
TA = 25°C
0.698
0.700
0.704
VFB
Feedback input voltage
8 V
≤ VIN ≤ 40 V,
0
°C ≤ TA ≤ 85°C
0.690
0.700
0.707
V
VFB
Feedback input voltage
8 V
≤ VIN ≤ 40 V,
−40
°C ≤ TA ≤ 85°C
0.690
0.700
0.715
V
GBW
Gain bandwidth
3.0
5.0
MHz
AVOL
Open loop gain
60
80
dB
IOH
High-level output source current
2.0
4.0
mA
IOL
Low-level output sink current
2.5
4.0
mA
VOH
High-level output voltage
ISOURCE = 500 µA
3.2
3.5
V
VOL
Low-level output voltage
ISINK = 500 µA
0.20
0.35
V
IBIAS
Input bias current
VFB = 0.7 V
100
200
nA
(1)
Ensured by design. Not production tested.
(2)
IKFF increases with SYNC frequency, IKFF decreases with maximum duty cycle


Similar Part No. - TPS40051PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40051PWP TI-TPS40051PWP Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40051PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1489 HMSEMI-HM1489 Datasheet
1Mb / 11P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com