Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40051PWPG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40051PWPG4
Description  IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40051PWPG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40051PWPG4 Datasheet HTML 1Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 2Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 3Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 4Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 5Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 6Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 7Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 8Page - Texas Instruments TPS40051PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TPS40050
TPS40051
TPS40053
SLUS540F − DECEMBER 2002 − REVISED JUNE 2004
WIDEINPUT SYNCHRONOUS
BUCK CONTROLLER
8
FEATURES
D Operating Input Voltage 8 V to 40 V
D Input Voltage Feed-Forward Compensation
D < 1 % Internal 0.7-V Reference
D Programmable Fixed-Frequency Up to 1 MHz
Voltage Mode Controller
D Internal Gate Drive Outputs for High-Side and
Synchronous N-Channel MOSFETs
D 16-Pin PowerPADt Package (θJC = 2°C/W)
D Thermal Shutdown
D Externally Synchronizable
D Programmable High-Side Current Limit
D Programmable Closed-Loop Soft-Start
D TPS40050 Source Only
D TPS40051 Source/Sink
D TPS40053 Source/Sink With VOUT Prebias
APPLICATIONS
D Power Modules
D Networking/Telecom
D Industrial
D Servers
SIMPLIFIED APPLICATION
DESCRIPTION
The TPS4005x is a family of high-voltage, wide input
(8 V to 40 V),
synchronous, step-down converters.
The TPS4005x family offers design flexibility with a
variety of user programmable functions, including
soft-start, UVLO, operating frequency, voltage feed-
forward, high-side current limit, and loop compensation.
The TPS4005x are also synchronizable to an external
supply. They incorporate MOSFET gate drivers for
external N-channel high-side and synchronous rectifier
(SR)
MOSFETs.
Gate
drive
logic
incorporates
anti-cross conduction circuitry to prevent simultaneous
high-side and synchronous rectifier conduction.
The TPS4005x uses voltage feed-forward control
techniques to provide good line regulation over the wide
(4:1) input voltage range, and fast response to input line
transients with near constant gain with input variation
which eases loop compensation.
The externally programmable current limit provides
pulse-by-pulse current limit, as well as hiccup mode
operation utilizing an internal fault counter for longer
duration overloads.
UDG−02130
5
13
12
16
15
1
2
3
KFF
RT
BP5
SGND
VIN
HDRV
SW
BP10
4
SYNC
11
ILIM
TPS40050PWP
6
SS/SD
7
VFB
8
COMP
14
BOOST
LDRV
10
PGND
9
+
VIN
VOUT
PowerPAD
t is trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - TPS40051PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40051PWP TI-TPS40051PWP Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40051PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1489 HMSEMI-HM1489 Datasheet
1Mb / 11P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com