Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021CPE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2021CPE4
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2021CPE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2021CPE4 Datasheet HTML 5Page - Texas Instruments TLE2021CPE4 Datasheet HTML 6Page - Texas Instruments TLE2021CPE4 Datasheet HTML 7Page - Texas Instruments TLE2021CPE4 Datasheet HTML 8Page - Texas Instruments TLE2021CPE4 Datasheet HTML 9Page - Texas Instruments TLE2021CPE4 Datasheet HTML 10Page - Texas Instruments TLE2021CPE4 Datasheet HTML 11Page - Texas Instruments TLE2021CPE4 Datasheet HTML 12Page - Texas Instruments TLE2021CPE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
TLE2021 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
TLE2021C
TLE2021AC
TLE2021BC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
25°C
120
600
100
300
80
200
V
VIO
Input offset voltage
Full range
850
600
300
μV
αVIO
Temperature coefficient of
input offset voltage
Full range
2
2
2
μV/°C
Input offset voltage long-term drift
(see Note 4)
VIC = 0, RS = 50 Ω
25°C
0.005
0.005
0.005
μV/mo
I
Input offset current
VIC = 0, RS = 50 Ω
25°C
0.2
6
0.2
6
0.2
6
nA
IIO
Input offset current
Full range
10
10
10
nA
I
Input bias current
25°C
25
70
25
70
25
70
nA
IIB
Input bias current
Full range
90
90
90
nA
V
Common mode input voltage range
R
50 Ω
25°C
0
to
3.5
− 0.3
to
4
0
to
3.5
− 0.3
to
4
0
to
3.5
− 0.3
to
4
V
VICR
Common-mode input voltage range
RS = 50 Ω
Full range
0
to
3.5
0
to
3.5
0
to
3.5
V
V
High level output voltage
25°C
4
4.3
4
4.3
4
4.3
V
VOH
High-level output voltage
R
10 kΩ
Full range
3.9
3.9
3.9
V
V
Low level output voltage
RL= 10 kΩ
25°C
0.7
0.8
0.7
0.8
0.7
0.8
V
VOL
Low-level output voltage
Full range
0.85
0.85
0.85
V
A
Large-signal differential
VO = 1.4 V to 4 V,
25°C
0.3
1.5
0.3
1.5
0.3
1.5
V/ V
AVD
Large signal differential
voltage amplification
VO = 1.4 V to 4 V,
RL = 10 kΩ
Full range
0.3
0.3
0.3
V/μV
CMRR
Common mode rejection ratio
VIC = VICRmin,
25°C
85
110
85
110
85
110
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
80
80
80
dB
k
Supply-voltage rejection ratio
V
5 V to 30 V
25°C
105
120
105
120
105
120
dB
kSVR
Supply voltage rejection ratio
(ΔVCC/ΔVIO)
VCC = 5 V to 30 V
Full range
100
100
100
dB
I
Supply current
25°C
200
300
200
300
200
300
A
ICC
Supply current
VO = 2 5 V No load
Full range
300
300
300
μA
ΔICC
Supply-current change over
operating temperature range
VO = 2.5 V, No load
Full range
5
5
5
μA
Full range is 0°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation
and assuming an activation energy of 0.96 eV.


Similar Part No. - TLE2021CPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2021CPE4 TI-TLE2021CPE4 Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021CPE4 TI-TLE2021CPE4 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021CPE4 TI1-TLE2021CPE4 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021CPE4 TI1-TLE2021CPE4 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2021CPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE202X TI-TLE202X_07 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI-TLE202X-Q1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202XA TI-TLE202XA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI-TLE202X Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024-EP TI-TLE2024-EP Datasheet
898Kb / 42P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_16 Datasheet
2Mb / 80P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_17 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI1-TLE202X-Q1_15 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-EP TI1-TLE202X-EP Datasheet
1Mb / 46P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-EP TI1-TLE2021-EP Datasheet
1Mb / 45P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com