Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC6.8A Datasheet(PDF) 6 Page - Ruilongyuan Electronics Co.,Ltd

Part # 1.5SMC6.8A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

1.5SMC6.8A Datasheet(HTML) 6 Page - Ruilongyuan Electronics Co.,Ltd

  1.5SMC6.8A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC6.8A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC6.8A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC6.8A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC6.8A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC6.8A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC6.8A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Circuit Protection
System
Page:5
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - 1.5SMC Series
Dimensions
DIM
Inches
Millimeters
Min
Max
Min
Max
A
0.114
0.126
2.900
3.200
B
0.260
0.280
6.600
7.110
C
0.220
0.245
5.590
6.220
D
0.079
0.103
2.060
2.620
E
0.030
0.060
0.760
1.520
F
-
0.008
-
0.203
G
0.305
0.320
7.750
8.130
H
0.006
0.012
0.152
0.305
I
0.129
-
3.300
-
J
0.094
-
2.400
-
K
-
0.165
-
4.200
L
0.094
-
2.400
-
Unit:mm
DO-214AB (SMC J-Bend)
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products


Similar Part No. - 1.5SMC6.8A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5SMC6.8A SUNMATE-1.5SMC6.8A Datasheet
622Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
1.5SMC6.8A CENTRAL-1.5SMC6.8A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Shanghai Leiditech Elec...
1.5SMC6.8A LEIDITECH-1.5SMC6.8A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
logo
MDE Semiconductor, Inc.
1.5SMC6.8A MDE-1.5SMC6.8A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5SMC6.8A VISHAY-1.5SMC6.8A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC6.8A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com