Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE110A Datasheet(PDF) 6 Page - Ruilongyuan Electronics Co.,Ltd

Part # 1.5KE110A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

1.5KE110A Datasheet(HTML) 6 Page - Ruilongyuan Electronics Co.,Ltd

  1.5KE110A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 1.5KE110A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 1.5KE110A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 1.5KE110A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 1.5KE110A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 1.5KE110A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 1.5KE110A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Circuit Protection
System
Page:5
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - 1.5KE Series
Part Numbering System
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
VOLTAGE CODE
(Refer to the Electrical Characteristics table)
TYPE CODE:
A Uni-Directional (5% Voltage Tolerance)
CA Bi-Directional
OPTION CODE:
BLANK Reel Tape
-B Bulk Packaging
SERIES CODE
1.5KE xxxXX X
Packaging
Part Number
Component
Package
Quantity
Packaging
Option
Packaging Specification
1.5KExxxXX
DO-201
1000
Tape & Reel
ELA STD RS-296E
1.5KExxxXX-B
DO-201
500
BULK
Concord Packing Spec


Similar Part No. - 1.5KE110A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1.5KE110A BILIN-1.5KE110A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE110A SAMYANG-1.5KE110A Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE110A TRSYS-1.5KE110A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE110A LUGUANG-1.5KE110A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Diodes Incorporated
1.5KE110A DIODES-1.5KE110A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE110A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com