Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ8.0A Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # SMDJ8.0A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMDJ8.0A Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  SMDJ8.0A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMDJ8.0A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMDJ8.0A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMDJ8.0A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMDJ8.0A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMDJ8.0A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SMDJ8.0A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Transient Voltage Suppressors - SMDJ Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Type Number
Device Marking
Code
Reverse
Stand-Off
Voltage
Breakdown Voltage@IT
Test
Current
Maximum
Clamping
Voltage@IPP
Peak Pulse
Current
Reverse
Leakage
@VRWM
(UNI)
(BI)
UNI
BI
VRWM(V) VBR MIN.(V) VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
SMDJ5.0A
SMDJ5.0CA
HDE
IDE
5.0
6.40
7.25
10
9.2
326.1
800
SMDJ6.0A
SMDJ6.0CA
HDG
IDG
6.0
6.67
7.67
10
10.3
291.3
800
SMDJ6.5A
SMDJ6.5CA
HDK
IDK
6.5
7.22
8.30
10
11.2
267.9
500
SMDJ7.0A
SMDJ7.0CA
HDM
IDM
7.0
7.78
8.95
10
12.0
250.0
200
SMDJ7.5A
SMDJ7.5CA
HDP
IDP
7.5
8.33
9.58
1
12.9
232.6
100
SMDJ8.0A
SMDJ8.0CA
HDR
IDR
8.0
8.89
10.23
1
13.6
220.6
50
SMDJ8.5A
SMDJ8.5CA
HDT
IDT
8.5
9.44
10.82
1
14.4
208.3
20
SMDJ9.0A
SMDJ9.0CA
HDV
IDV
9.0
10.00
11.50
1
15.4
194.8
10
SMDJ10A
SMDJ10CA
HDX
IDX
10.0
11.10
12.80
1
17.0
176.5
5.0
SMDJ11A
SMDJ11CA
HDZ
IDZ
11.0
12.20
14.00
1
18.2
164.8
5.0
SMDJ12A
SMDJ12CA
HEE
IEE
12.0
13.30
15.30
1
19.9
150.8
5.0
SMDJ13A
SMDJ13CA
HEG
IEG
13.0
14.40
16.50
1
21.5
139.5
5.0
SMDJ14A
SMDJ14CA
HEK
IEK
14.0
15.60
17.90
1
23.2
129.3
5.0
SMDJ15A
SMDJ15CA
HEM
IEM
15.0
16.70
19.20
1
24.4
123.0
5.0
SMDJ16A
SMDJ16CA
HEP
IEP
16.0
17.80
20.50
1
26.0
115.4
5.0
SMDJ17A
SMDJ17CA
HER
IER
17.0
18.90
21.70
1
27.6
108.7
5.0
SMDJ18A
SMDJ18CA
HET
IET
18.0
20.00
23.30
1
29.2
102.7
5.0
SMDJ20A
SMDJ20CA
HEV
IEV
20.0
22.20
25.50
1
32.4
92.6
5.0
SMDJ22A
SMDJ22CA
HEX
IEX
22.0
24.40
28.00
1
35.5
84.5
5.0
SMDJ24A
SMDJ24CA
HEZ
IEZ
24.0
26.70
30.70
1
38.9
77.1
5.0
SMDJ26A
SMDJ26CA
HFE
IFE
26.0
28.90
33.20
1
42.1
71.3
5.0
SMDJ28A
SMDJ28CA
HFG
IFG
28.0
31.10
35.80
1
45.4
66.1
5.0
SMDJ30A
SMDJ30CA
HFK
IFK
30.0
33.30
38.30
1
48.4
62.0
5.0
SMDJ33A
SMDJ33CA
HFM
IFM
33.0
36.70
42.20
1
53.3
56.3
5.0
SMDJ36A
SMDJ36CA
HFP
IFP
36.0
40.00
46.00
1
58.1
51.6
5.0
SMDJ40A
SMDJ40CA
HFR
IFR
40.0
44.40
51.10
1
64.5
46.5
5.0
SMDJ43A
SMDJ43CA
HFT
IFT
43.0
47.80
54.90
1
69.4
43.2
5.0
SMDJ45A
SMDJ45CA
HFV
IFV
45.0
50.00
57.50
1
72.7
41.3
5.0
SMDJ48A
SMDJ48CA
HFX
IFX
48.0
53.30
61.30
1
77.4
38.8
5.0
SMDJ51A
SMDJ51CA
HFZ
IFZ
51.0
56.70
65.20
1
82.4
36.4
5.0
SMDJ54A
SMDJ54CA
HGE
IGE
54.0
60.00
69.00
1
87.1
34.4
5.0
SMDJ58A
SMDJ58CA
HGG
IGG
58.0
64.40
74.10
1
93.6
32.1
5.0
SMDJ60A
SMDJ60CA
HGK
IGK
60.0
66.70
76.70
1
96.8
31.0
5.0
SMDJ64A
SMDJ64CA
HGM
IGM
64.0
71.10
81.80
1
103.0
29.1
5.0
SMDJ70A
SMDJ70CA
HGP
IGP
70.0
77.80
89.50
1
113.0
26.5
5.0
SMDJ75A
SMDJ75CA
HGR
IGR
75.0
83.30
95.80
1
121.0
24.8
5.0
SMDJ78A
SMDJ78CA
HGT
IGT
78.0
86.70
99.70
1
126.0
23.8
5.0
SMDJ85A
SMDJ85CA
HGV
IGV
85.0
94.40
108.20
1
137.0
20.8
5.0
SMDJ90A
SMDJ90CA
HGX
IGX
90.0
100.00
115.50
1
146.0
20.6
5.0
SMDJ100A
SMDJ100CA
HGZ
IGZ
100.0
111.00
128.00
1
162.0
18.6
5.0
SMDJ110A
SMDJ110CA
HHE
IHE
110.0
122.00
140.50
1
177.0
16.8
5.0
SMDJ120A
SMDJ120CA HHG
IHG
120.0
133.00
153.00
1
193.0
15.6
5.0
SMDJ130A
SMDJ130CA
HHK
IHK
130.0
144.00
165.50
1
209.0
14.4
5.0
SMDJ150A
SMDJ150CA HHM
IHM
150.0
167.00
192.50
1
243.0
12.4
5.0
SMDJ160A
SMDJ160CA
HHP
IHP
160.0
178.00
205.00
1
259.0
11.6
5.0
SMDJ170A
SMDJ170CA HHR
IHR
170.0
189.00
217.50
1
275.0
11.0
5.0
SMDJ180A
SMDJ180CA
HHT
IHT
180.0
198.00
230.40
1
292.0
10.3
5.0
SMDJ190A
SMDJ190CA
HHV
IHV
190.0
209.00
243.20
1
308.0
9.7
5.0
SMDJ200A
SMDJ200CA
HHX
IHX
200.0
220.00
256.00
1
324.0
9.3
5.0
SMDJ210A
SMDJ210CA
HHZ
IHZ
210.0
231.00
268.80
1
340.0
8.8
5.0
SMDJ220A
SMDJ220CA
HIE
IIE
220.0
242.00
281.00
1
356.0
8.4
5.0


Similar Part No. - SMDJ8.0A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ8.0A ETC1-SMDJ8.0A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Littelfuse
SMDJ8.0A LITTELFUSE-SMDJ8.0A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
DONGGUAN YOU FENG WEI E...
SMDJ8.0A YFWDIODE-SMDJ8.0A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Guangdong Juxing Electr...
SMDJ8.0A JUXING-SMDJ8.0A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
MDE Semiconductor, Inc.
SMDJ8.0A MDE-SMDJ8.0A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ8.0A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com