Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE9.1CA Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # 1.5KE9.1CA
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

1.5KE9.1CA Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  1.5KE9.1CA Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 1.5KE9.1CA Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 1.5KE9.1CA Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 1.5KE9.1CA Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 1.5KE9.1CA Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 1.5KE9.1CA Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 1.5KE9.1CA Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Transient Voltage Suppressors - 1.5KE Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Type Number
Reverse Stand-
Off Voltage
Breakdown
Voltage Min.@IT
Test
Current
Maximum
Clamping
Voltage@IPP
Peak Pulse
Current
Reverse
Leakage
@VRWM
(UNI)
(BI)
VRWM(V)
VBR MIN.(V) VBR.MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(µA)
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.50
1
13.4
113.4
50
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
5
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
5
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
5
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1
25.2
60.3
5
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
5
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
5
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
5
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
5
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1
41.4
36.7
5
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1
45.7
33.3
5
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1
49.9
30.5
5
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1
53.9
28.2
5
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1
59.3
25.6
5
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1
64.8
23.5
5
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1
70.1
21.7
5
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1
77.0
19.7
5
1.5KE62A
1.5KE62CA
53.00
58.90
65.10
1
85.0
17.9
5
1.5KE68A
1.5KE68CA
58.10
64.60
71.40
1
92.0
16.5
5
1.5KE75A
1.5KE75CA
64.10
71.30
78.80
1
103.0
14.8
5
1.5KE82A
1.5KE82CA
70.10
77.90
86.10
1
113.0
13.5
5
1.5KE91A
1.5KE91CA
77.80
86.50
95.50
1
125.0
12.2
5
1.5KE100A
1.5KE100CA
85.50
95.00
105.00
1
137.0
11.1
5
1.5KE110A
1.5KE110CA
94.00
105.00
116.00
1
152.0
10.0
5
1.5KE120A
1.5KE120CA
102.00
114.00
126.00
1
165.0
9.20
5
1.5KE130A
1.5KE130CA
111.00
124.00
137.00
1
179.0
8.50
5
1.5KE150A
1.5KE150CA
128.00
143.00
158.00
1
207.0
7.30
5
1.5KE160A
1.5KE160CA
136.00
152.00
168.00
1
219.0
6.60
5
1.5KE170A
1.5KE170CA
145.00
162.00
179.00
1
234.0
6.50
5
1.5KE180A
1.5KE180CA
154.00
171.00
189.00
1
246.0
6.20
5
1.5KE200A
1.5KE200CA
171.00
190.00
210.00
1
274.0
5.50
5
1.5KE220A
1.5KE220CA
185.00
209.00
231.00
1
328.0
4.60
5
1.5KE250A
1.5KE250CA
214.00
237.00
263.00
1
344.0
4.40
5
1.5KE300A
1.5KE300CA
256.00
285.00
315.00
1
414.0
3.70
5
1.5KE350A
1.5KE350CA
300.00
332.00
368.00
1
482.0
3.20
5
1.5KE400A
1.5KE400CA
342.00
380.00
420.00
1
548.0
2.80
5
1.5KE440A
1.5KE440CA
376.00
418.00
462.00
1
602.0
2.50
5
1.5KE480A
1.5KE480CA
408.00
456.00
504.00
1
658.0
2.30
5
For bidirectional type having VR of 10 volts and less, the IR limit is double.
For parts without A, the VBR is +10% and VC is 5% higher than with A parts.


Similar Part No. - 1.5KE9.1CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5KE9.1CA SUNMATE-1.5KE9.1CA Datasheet
111Kb / 4P
   1500Watt Axial Lead Transient Voltage Suppressors
logo
ON Semiconductor
1.5KE9.1CA ONSEMI-1.5KE9.1CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
DONGGUAN YOU FENG WEI E...
1.5KE9.1CA YFWDIODE-1.5KE9.1CA Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Fairchild Semiconductor
1.5KE9.1CA FAIRCHILD-1.5KE9.1CA Datasheet
55Kb / 3P
   Glass passivated junction. 1500W Peak Pulse Power capability at 1.0 ms.
logo
MERITEK ELECTRONICS COR...
1.5KE9.1CA MERITEK-1.5KE9.1CA Datasheet
313Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - 1.5KE9.1CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com