Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ24CA Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # SMCJ24CA
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMCJ24CA Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  SMCJ24CA Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMCJ24CA Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMCJ24CA Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMCJ24CA Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMCJ24CA Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMCJ24CA Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SMCJ24CA Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Transient Voltage Suppressors - SMCJ Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Type Number
Device Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage@IT
Test
Current
Maximum
Clamping
Voltage@IPP
Peak Pulse
Current
Reverse
Leakage
@VRWM
(UNI)
(BI)
UNI
BI
VRWM(V) VBR MIN.(V)VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.0
6.40
7.25
10
9.2
163.0
800
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.0
6.67
7.67
10
10.3
145.7
800
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
8.30
10
11.2
134.0
500
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.0
7.78
8.95
10
12.0
125.0
200
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.58
1
12.9
116.3
100
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
10.23
1
13.6
110.3
50
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.82
1
14.4
104.2
20
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.00
11.50
1
15.4
97.4
10
SMCJ10A
SMCJ10CA
GDX
BDX
10.0
11.10
12.80
1
17.0
88.3
5
SMCJ11A
SMCJ11CA
GDZ
BDZ
11.0
12.20
14.00
1
18.2
82.5
5
SMCJ12A
SMCJ12CA
GEE
BEE
12.0
13.30
15.30
1
19.9
75.4
5
SMCJ13A
SMCJ13CA
GEG
BEG
13.0
14.40
16.50
1
21.5
69.8
5
SMCJ14A
SMCJ14CA
GEK
BEK
14.0
15.60
17.90
1
23.2
64.7
5
SMCJ15A
SMCJ15CA
GEM
BEM
15.0
16.70
19.20
1
24.4
61.5
5
SMCJ16A
SMCJ16CA
GEP
BEP
16.0
17.80
20.50
1
26.0
57.7
5
SMCJ17A
SMCJ17CA
GER
BER
17.0
18.90
21.70
1
27.6
54.4
5
SMCJ18A
SMCJ18CA
GET
BET
18.0
20.00
23.30
1
29.2
51.4
5
SMCJ20A
SMCJ20CA
GEV
BEV
20.0
22.20
25.50
1
32.4
46.3
5
SMCJ22A
SMCJ22CA
GEX
BEX
22.0
24.40
28.00
1
35.5
42.3
5
SMCJ24A
SMCJ24CA
GEZ
BEZ
24.0
26.70
30.70
1
38.9
38.6
5
SMCJ26A
SMCJ26CA
GFE
BFE
26.0
28.90
33.20
1
42.1
35.7
5
SMCJ28A
SMCJ28CA
GFG
BFG
28.0
31.10
35.80
1
45.4
33.1
5
SMCJ30A
SMCJ30CA
GFK
BFK
30.0
33.30
38.30
1
48.4
31.0
5
SMCJ33A
SMCJ33CA
GFM
BFM
33.0
36.70
42.20
1
53.3
28.2
5
SMCJ36A
SMCJ36CA
GFP
BFP
36.0
40.00
46.00
1
58.1
25.9
5
SMCJ40A
SMCJ40CA
GFR
BFR
40.0
44.40
51.10
1
64.5
23.3
5
SMCJ43A
SMCJ43CA
GFT
BFT
43.0
47.80
54.90
1
69.4
21.7
5
SMCJ45A
SMCJ45CA
GFV
BFV
45.0
50.00
57.50
1
72.7
20.6
5
SMCJ48A
SMCJ48CA
GJT
BJT
48.0
53.30
61.30
1
77.4
19.4
5
SMCJ51A
SMCJ51CA
GJV
BJV
51.0
56.70
65.20
1
82.4
18.2
5
SMCJ54A
SMCJ54CA
GFX
BFX
54.0
60.00
69.00
1
87.1
17.3
5
SMCJ58A
SMCJ58CA
GFZ
BFZ
58.0
64.40
74.10
1
93.6
16.1
5
SMCJ60A
SMCJ60CA
GGE
BGE
60.0
66.70
76.70
1
96.8
15.5
5
SMCJ64A
SMCJ64CA
GGG
BGG
64.0
71.10
81.80
1
103.0
14.6
5
SMCJ70A
SMCJ70CA
GGK
BGK
70.0
77.80
89.50
1
113.0
13.3
5
SMCJ75A
SMCJ75CA
GGM
BGM
75.0
83.30
95.80
1
121.0
12.4
5
SMCJ78A
SMCJ78CA
GGP
BGP
78.0
86.70
99.70
1
126.0
11.9
5
SMCJ85A
SMCJ85CA
GGR
BGR
85.0
94.40
108.20
1
137.0
11.0
5
SMCJ90A
SMCJ90CA
GGT
BGT
90.0
100.00
115.50
1
146.0
10.3
5
SMCJ100A
SMCJ100CA
GGV
BGV
100.0
111.00
128.00
1
162.0
9.3
5
SMCJ110A
SMCJ110CA
GGX
BGX
110.0
122.00
140.50
1
177.0
8.5
5
SMCJ120A
SMCJ120CA
GGZ
BGZ
120.0
133.00
153.00
1
193.0
7.8
5
SMCJ130A
SMCJ130CA
GHE
BHK
130.0
144.00
165.50
1
209.0
7.2
5
SMCJ150A
SMCJ150CA
GHG
BHG
150.0
167.00
192.60
1
243.0
6.2
5
SMCJ160A
SMCJ160CA
GHK
BHK
160.0
178.00
197.00
1
259.0
5.8
5
SMCJ170A
SMCJ170CA
GHM
BHM
170.0
189.00
209.00
1
275.0
5.5
5
SMCJ180A
SMCJ180CA
GHP
BHP
180.0
198.00
222.00
1
292.0
5.1
5
SMCJ190A
SMCJ190CA
GHR
BHR
190.0
209.00
243.20
1
308.0
4.8
5
SMCJ200A
SMCJ200CA
GHX
BHX
200.0
220.00
247.00
1
324.0
4.6
5
SMCJ220A
SMCJ220CA
GJE
BJE
220.0
242.00
272.00
1
356.0
4.2
5
SMCJ250A
SMCJ250CA
GJG
BJG
250.0
279.00
309.00
1
405.0
3.7
5
SMCJ300A
SMCJ300CA
GJK
BJK
300.0
335.00
371.00
1
486.0
3.1
5


Similar Part No. - SMCJ24CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ24CA MCC-SMCJ24CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Fairchild Semiconductor
SMCJ24CA FAIRCHILD-SMCJ24CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Shanghai Leiditech Elec...
SMCJ24CA LEIDITECH-SMCJ24CA Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMCJ24CA MDE-SMCJ24CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
SMCJ24CA UNSEMI-SMCJ24CA Datasheet
4Mb / 8P
   5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SMCJ24CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com