Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3834 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC3834
Description  High Efficiency Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3834 Datasheet(HTML) 1 Page - Texas Instruments

  UC3834 Datasheet HTML 1Page - Texas Instruments UC3834 Datasheet HTML 2Page - Texas Instruments UC3834 Datasheet HTML 3Page - Texas Instruments UC3834 Datasheet HTML 4Page - Texas Instruments UC3834 Datasheet HTML 5Page - Texas Instruments UC3834 Datasheet HTML 6Page - Texas Instruments UC3834 Datasheet HTML 7Page - Texas Instruments UC3834 Datasheet HTML 8Page - Texas Instruments UC3834 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UC1834
UC2834
UC3834
High Efficiency Linear Regulator
FEATURES
Minimum VIN - VOUT Less Than
0.5V At 5A Load With External
Pass Device
Equally Usable For Either Positive
or Negative Regulator Design
Adjustable Low Threshold Current
Sense Amplifier
Under And Over-Voltage Fault Alert
With Programmable Delay
Over-Voltage Fault Latch With
100mA Crowbar Drive Output
DESCRIPTION
The UC1834 family of integrated circuits is optimized for the design of low
input-output differential linear regulators. A high gain amplifier and 200mA
sink or source drive outputs facilitate high output current designs which use
an external pass device. With both positive and negative precision refer-
ences, either polarity of regulator can be implemented. A current sense am-
plifier with a low, adjustable, threshold can be used to sense and limit
currents in either the positive or negative supply lines.
In addition, this series of parts has a fault monitoring circuit which senses
both under and over-voltage fault conditions. After a user defined delay for
transient rejection, this circuitry provides a fault alert output for either fault
condition. In the over-voltage case, a 100mA crowbar output is activated.
An over-voltage latch will maintain the crowbar output and can be used to
shutdown the driver outputs. System control to the device can be accom-
modated at a single input which will act as both a supply reset and remote
shutdown terminal. These die are protected against excessive power dissi-
pation by an internal thermal shutdown function.
BLOCK DIAGRAM
6/94


Similar Part No. - UC3834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3834 TI-UC3834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC3834DW TI-UC3834DW Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC3834DWG4 TI-UC3834DWG4 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC3834DWTR TI-UC3834DWTR Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC3834DWTRG4 TI-UC3834DWTRG4 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
More results

Similar Description - UC3834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Advanced Monolithic Sys...
AMS1084CT ADMOS-AMS1084CT Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
logo
Torex Semiconductor
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com