Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1834J883B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC1834J883B
Description  High Efficiency Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1834J883B Datasheet(HTML) 4 Page - Texas Instruments

  UC1834J883B Datasheet HTML 1Page - Texas Instruments UC1834J883B Datasheet HTML 2Page - Texas Instruments UC1834J883B Datasheet HTML 3Page - Texas Instruments UC1834J883B Datasheet HTML 4Page - Texas Instruments UC1834J883B Datasheet HTML 5Page - Texas Instruments UC1834J883B Datasheet HTML 6Page - Texas Instruments UC1834J883B Datasheet HTML 7Page - Texas Instruments UC1834J883B Datasheet HTML 8Page - Texas Instruments UC1834J883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PARAMETER
TEST CONDITIONS
UC1834
UC2834
UC3834
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Current Sense Amplifier Section
Threshold Voltage
Pin 4 Open, VCM = VIN+ or VIN
130
150
170
120
150
180
mV
Pin 4 = 0.5V, VCM = VIN+ or VIN
40
50
60
30
50
70
Threshold Supply Sensitivity
Pin 4 Open, VCM = VIN
−, VIN+ = 5 to 35V
−0.1
−0.3
−0.1
−0.5
%/V
Adj. Input Current
Pin 4 = 0.5V
−2
−10
−2
−10
µA
Sense Input Bias Current
VCM = VIN+
100
200
100
200
µA
VCM = VIN
−−100 −200
−100 −200
UC1834
UC2834
UC3834
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA=
−55°C to +125°C
for the UC1834,
−40°C to +85°C for the UC2834, and 0°C to +70°C for the
UC3834. VIN+ = 15V, VIN
= 0V. TA = TJ
Differential Voltage at Current Sense
Inputs - mV (reference to sense
− input)
Current Sense Threshold Adjustment
Current Limiting Knee Characteristics
Error Amplifier Gain and Phase
Frequency Response
Current Sense Amplifier Gain and Phase
Frequency Response
4


Similar Part No. - UC1834J883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1834J883B TI-UC1834J883B Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
More results

Similar Description - UC1834J883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Advanced Monolithic Sys...
AMS1084CT ADMOS-AMS1084CT Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
logo
Torex Semiconductor
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com