Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2835 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UC2835
Description  High Efficiency Regulator Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2835 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC2835 Datasheet HTML 2Page - Texas Instruments UC2835 Datasheet HTML 3Page - Texas Instruments UC2835 Datasheet HTML 4Page - Texas Instruments UC2835 Datasheet HTML 5Page - Texas Instruments UC2835 Datasheet HTML 6Page - Texas Instruments UC2835 Datasheet HTML 7Page - Texas Instruments UC2835 Datasheet HTML 8Page - Texas Instruments UC2835 Datasheet HTML 9Page - Texas Instruments UC2835 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
UC3836DTR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1


Similar Part No. - UC2835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2835 TI-UC2835 Datasheet
479Kb / 5P
[Old version datasheet]   High Efficiency Regulator Controller
UC2835 TI1-UC2835 Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2835D TI1-UC2835D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2835DG4 TI1-UC2835DG4 Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2835J TI1-UC2835J Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results

Similar Description - UC2835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC1835 TI-UC1835 Datasheet
479Kb / 5P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836N TI1-UC3836N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2835N TI1-UC2835N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com