Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3635DW Datasheet(PDF) 4 Page - Texas Instruments

Part # UC3635DW
Description  Phase Locked Frequency Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3635DW Datasheet(HTML) 4 Page - Texas Instruments

  UC3635DW Datasheet HTML 1Page - Texas Instruments UC3635DW Datasheet HTML 2Page - Texas Instruments UC3635DW Datasheet HTML 3Page - Texas Instruments UC3635DW Datasheet HTML 4Page - Texas Instruments UC3635DW Datasheet HTML 5Page - Texas Instruments UC3635DW Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UC1635
UC2635
UC3635
UNITRODE CORPORATION
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
Reference Divider Output Detail
Phase Detector Input Detail
Application and Operation Information
(For Additional Application Information see the UC1633 Data Sheet)
(Pin numbers refer to DIL and SOIC packages)
UDG-92012
UDG-92011-1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Auxiliary Op-Amp
Input Offset Voltage
VCM = 2.5V
8
mV
Input Bias Current
VCM = 2.5V
-0.8
-0.2
µA
Input Offset Current
VCM = 2.5V
.01
0.1
µA
AVOL
70
120
dB
PSRR
+VIN = 8 to 15V
70
100
dB
CMRR
VCM = 0 to 10V
70
100
dB
Short Circuit Current
Source, VOUT = 0V
16
35
mA
Sink, VOUT = 5V
16
30
mA
ELECTRICAL CHARACTERISTICS (cont.): Unless otherwise stated, specifications hold for TA = 0
°C to +70°C for the
UC3635, -25
°C to +85°C for the UC2635 and -55°C to +125°C for the UC1635, +Vin = 12V. TA = TJ.
4


Similar Part No. - UC3635DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3635 TI-UC3635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
More results

Similar Description - UC3635DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1633 TI-UC1633 Datasheet
558Kb / 8P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com