Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1965 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC1965
Description  Precision Reference with Low Offset Error Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1965 Datasheet(HTML) 4 Page - Texas Instruments

  UC1965 Datasheet HTML 1Page - Texas Instruments UC1965 Datasheet HTML 2Page - Texas Instruments UC1965 Datasheet HTML 3Page - Texas Instruments UC1965 Datasheet HTML 4Page - Texas Instruments UC1965 Datasheet HTML 5Page - Texas Instruments UC1965 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
UC1965
UC2965
UC3965
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 • FAX (603) 424-3460
For designs requiring input-output isolation, the UC3965
is used in secondary side output voltage sensing. As
shown in Fig. 1, the precision reference and low offset
error amplifier can be used in converters, such as the
isolated flyback, where the primary side error amplifier is
not used or simply not present. In this case, the
UCC3809 is used as the primary side controller.
The precision reference of the UC3965 is tied to the
non-inverting input of the device’s internal error amplifier.
The output voltage of the converter is resistively divided
and compared to this reference at the inverting input.
This error amplifier has a low 1mV input offset voltage
that insures accurate regulation of the output. The inter-
nal error amplifier drives the inverting input of the output
buffer (OB) which drives an optocoupler diode. The wide
range VCC voltage enables the device to be biased from
the secondary side output voltage rail, resulting in closed
loop soft start.
As the output voltage increases beyond its desired value,
the voltage difference at the error amplifier increases.
This results in less drive at the inverting input of the inter-
nal buffer, increasing its output drive to the optocoupler.
If the application does not require input-output isolation,
this buffer could be used to drive the PWM directly.
APPLICATION INFORMATION
For
additional
application
information
biasing
the
UC3965, please refer to the following publication:
[1] Application Note U-165,
Design Review: Isolated 50W
Flyback with the UCC3809 Primary Side Controller and
the UC3965 Precision Reference and Error Amplifier,by
Lisa Dinwoodie.
ADDITIONAL INFORMATION
8
7
6
5
1
2
3
4
EA
OB
UVLO
VREF
2.5V
VCC
15k
+
7.5k
5k
+
5k
2k
–V
OUT
+V
OUT
8
7
5
6
1
2
4
3
UCC3809
+V
IN
–V
IN
FB
REF
SS
RT1
RT2
VDD
OUT
GND
OFFSET
VCC
VOUT
GND
COMP
VFB
VREF
NI
Figure 1. Typical application diagram.
UDG-99080


Similar Part No. - UC1965

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
55Kb / 4P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
More results

Similar Description - UC1965

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
55Kb / 4P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
logo
Burr-Brown (TI)
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Vishay Siliconix
SIP11203 VISHAY-SIP11203_V01 Datasheet
396Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
01-Jan-2022
SIP11203 VISHAY-SIP11203 Datasheet
386Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
Rev. C, 16-May-11
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com