Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCRR25101C0GJ0100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCRR25101C0GJ0100
Description  Multilayer Ceramic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCRR25101C0GJ0100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCRR25101C0GJ0100 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCRR25101C0GJ0100 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCRR25101C0GJ0100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCRR Series
Multilayer Ceramic Capacitors
Page <2>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
X7R Dielectric
Size and Capacitance Specifications
EIA Characteristic
Height (H)
3.81
7.62
5.08
7.62
7.62
Width (W)
3.81
5.08
5.08
5.08
7.62
Depth (D)
2.54
3.18
3.18
3.18
3.81
Lead Spacing (L.S.)
2.54
5.08
2.54
5.08
5.08
Lead Diameter (L.D.)
0.508
0.508
0.508
0.508
0.508
Capacitance in pF
Voltage WVDC
WVDC
WVDC
100
WVDC
63 / 50
WVDC
63 / 50
WVDC
63 / 50
Part Number
100
63 / 50
1,000
MCRR25102X7RK0100
3,300
MCRR25332X7RK0100
10,000
MCRR25103X7RK0100
22,000
MCRR25223X7RK0100
1,000
MCRR50102X7RK0100
2,200
MCRR50222X7RK0100
3,300
MCRR50332X7RK0100
10,000
MCRR50103X7RK0100
22,000
MCRR50223X7RK0100
100,000
MCRR50104X7RK0100
10,000
MCRR25103X7RK0050
33,000
MCRR25333X7RK0050
47,000
MCRR25473X7RK0050
100,000
MCRR25104X7RK0050
47,000
MCRR50473X7RK0050
100,000
MCRR50104X7RK0050
220,000
MCRR50224X7RK0050
470,000
MCRR50474X7RK0050
1,000,000
MCRR50105X7RK0050
Dimensions : Millimetres
= Industry preferred values


Similar Part No. - MCRR25101C0GJ0100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR ROHM-MCR Datasheet
226Kb / 12P
   Thick Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
   RC Network (Snubber Capacitor)
logo
Rohm
MCR ROHM-MCR Datasheet
1Mb / 10P
   Thick film chip resistors
logo
Vishay Siliconix
MCR VISHAY-MCR Datasheet
167Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCRL
logo
Cooper Bussmann, Inc.
MCR-1-16 COOPER-MCR-1-16 Datasheet
82Kb / 2P
   Subminiature Through Hole
More results

Similar Description - MCRR25101C0GJ0100

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com