Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAZA225004C Datasheet(PDF) 8 Page - AVX Corporation

Part # TAZA225004C
Description  Introduction AVX Tantalum
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAZA225004C Datasheet(HTML) 8 Page - AVX Corporation

Back Button TAZA225004C Datasheet HTML 4Page - AVX Corporation TAZA225004C Datasheet HTML 5Page - AVX Corporation TAZA225004C Datasheet HTML 6Page - AVX Corporation TAZA225004C Datasheet HTML 7Page - AVX Corporation TAZA225004C Datasheet HTML 8Page - AVX Corporation TAZA225004C Datasheet HTML 9Page - AVX Corporation TAZA225004C Datasheet HTML 10Page - AVX Corporation TAZA225004C Datasheet HTML 11Page - AVX Corporation TAZA225004C Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
7
TAJ Series
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
20 volt @ 85°C (13 volt @ 125°C)
TAJA684*020
A
0.68
0.5
4
12.0
TAJA105*020
A
1.0
0.5
4
9.0
TAJA155*020
A
1.5
0.5
6
6.5
TAJA225*020
A
2.2
0.5
6
5.3
TAJB225*020
B
2.2
0.5
6
3.5
TAJA335*020
A
3.3
0.7
6
4.5
TAJB335*020
B
3.3
0.7
6
3.0
TAJA475*020
A
4.7
1.0
6
4.0
TAJB475*020
B
4.7
1.0
6
3.0
TAJC475*020
C
4.7
1.0
6
2.8
TAJB685*020
B
6.8
1.4
6
2.5
TAJC685*020
C
6.8
1.4
6
2.0
TAJB106*020
B
10
2.0
6
2.1
TAJC106*020
C
10
2.0
6
1.9
TAJB156*020
B
15
3.0
6
2.0
TAJC156*020
C
15
3.0
6
2.0
TAJD156*020
D
15
3.0
6
1.1
TAJC226*020
C
22
4.4
6
1.6
TAJD226*020
D
22
4.4
6
0.9
TAJC336*020
C
33
6.6
6
1.5
TAJD336*020
D
33
6.6
6
0.9
TAJD476*020
D
47
9.4
6
0.9
TAJD686*020
D
68
13.6
6
0.9
TAJE686*020
E
68
13.6
6
0.9
TAJV107*020
V
100
20.0
8
0.9
25 volt @ 85°C (16 volt @ 125°C)
TAJA474*025
A
0.47
0.5
4
14.0
TAJA684*025
A
0.68
0.5
4
10.0
TAJA105*025
A
1.0
0.5
4
8.0
TAJA155*025
A
1.5
0.5
6
7.5
TAJB155*025
B
1.5
0.5
6
5.0
TAJA225*025
A
2.2
0.6
6
7.0
TAJB225*025
B
2.2
0.6
6
4.5
TAJB335*025
B
3.3
0.8
6
3.5
TAJC335*025
C
3.3
0.8
6
2.8
TAJB475*025
B
4.7
1.2
6
2.8
TAJC475*025
C
4.7
1.2
6
2.4
TAJB685*025
B
6.8
1.7
6
2.8
TAJC685*025
C
6.8
1.7
6
2.0
TAJC106*025
C
10
2.5
6
1.8
TAJD106*025
D
10
2.5
6
1.2
TAJD156*025
D
15
3.8
6
1.0
TAJC226*025
C
22
5.5
6
1.4
TAJD226*025
D
22
5.5
6
0.9
TAJD336*025
D
33
8.3
6
0.9
TAJE336*025
E
33
8.3
6
0.9
TAJD476*025
D
47
11.8
6
0.9
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
35 volt @ 85°C (23 volt @ 125°C)
TAJA104*035
A
0.1
0.5
4
24.0
TAJA154*035
A
0.15
0.5
4
21.0
TAJA224*035
A
0.22
0.5
4
18.0
TAJA334*035
A
0.33
0.5
4
15.0
TAJA474*035
A
0.47
0.5
4
12.0
TAJB474*035
B
0.47
0.5
4
10.0
TAJA684*035
A
0.68
0.5
4
8.0
TAJB684*035
B
0.68
0.5
4
8.0
TAJA105*035
A
1.0
0.5
4
7.5
TAJB105*035
B
1.0
0.5
4
6.5
TAJA155*035
A
1.5
0.5
6
7.5
TAJB155*035
B
1.5
0.5
6
5.2
TAJC155*035
C
1.5
0.5
6
4.5
TAJB225*035
B
2.2
0.8
6
4.2
TAJC225*035
C
2.2
0.8
6
3.5
TAJB335*035
B
3.3
1.2
6
3.5
TAJC335*035
C
3.3
1.2
6
2.5
TAJB475*035
B
4.7
1.6
6
3.1
TAJC475*035
C
4.7
1.6
6
2.2
TAJD475*035
D
4.7
1.6
6
1.5
TAJC685*035
C
6.8
2.4
6
1.8
TAJD685*035
D
6.8
2.4
6
1.3
TAJC106*035
C
10.0
3.5
6
1.6
TAJD106*035
D
10.0
3.5
6
1.0
TAJC156*035
C
15.0
5.3
6
1.4
TAJD156*035
D
15.0
5.3
6
0.9
TAJD226*035
D
22.0
7.7
6
0.9
TAJE226*035
E
22.0
7.7
6
0.9
TAJD336*035
D
33.0
11.6
6
0.9
50 volt @ 85°C (33 volt @ 125°C)
TAJA104*050
A
0.1
0.5
4
22.0
TAJA154*050
A
0.15
0.5
4
15.0
TAJB154*050
B
0.15
0.5
4
17.0
TAJA224*050
A
0.22
0.5
4
18.0
TAJB224*050
B
0.22
0.5
4
14.0
TAJB334*050
B
0.33
0.5
4
12.0
TAJC474*050
C
0.47
0.5
4
8.0
TAJC684*050
C
0.68
0.5
4
7.0
TAJC105*050
C
1.0
0.5
4
5.5
TAJC155*050
C
1.5
0.8
6
4.5
TAJD155*050
D
1.5
0.8
6
4.0
TAJD225*050
D
2.2
1.1
6
2.5
TAJD335*050
D
3.3
1.7
6
2.0
TAJD475*050
D
4.7
2.4
6
1.4
TAJD685*050
D
6.8
3.4
6
1.0
TAJE106*050
E
10.0
5.0
8
0.9
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C measured at
120 Hz, 0.5V RMS unless otherwise stated.
*Insert K for ±10% and M for ±20%.
NOTE: We reserve the right to supply higher specification parts in the
same case size, to the same reliability standards.
For parametric information on development codes, please contact your
local AVX sales office.


Similar Part No. - TAZA225004C

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
AVX Corporation
TAZH686K004CBSB0000 AVX-TAZH686K004CBSB0000 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSB0H00 AVX-TAZH686K004CBSB0H00 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSBT000 AVX-TAZH686K004CBSBT000 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSBTH00 AVX-TAZH686K004CBSBTH00 Datasheet
351Kb / 15P
   TAZ Series
More results

Similar Description - TAZA225004C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
EC927 ETC2-EC927 Datasheet
3Mb / 9P
   Introduction
WD8110 ETC1-WD8110 Datasheet
14Mb / 249P
   INTRODUCTION
logo
Samsung semiconductor
KA9257 SAMSUNG-KA9257 Datasheet
82Kb / 5P
   INTRODUCTION
logo
Freescale Semiconductor...
U-MULTILINK-FX FREESCALE-U-MULTILINK-FX Datasheet
416Kb / 4P
   Introduction
logo
Nanjing Qinheng Microel...
CH5340 WCH-CH5340 Datasheet
82Kb / 2P
   Single Card IntroductIon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com