Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP75T120-ND Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PP75T120-ND
Description  3-Phase POW-R-PAK IGBT Assembly 75 Amperes/1200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP75T120-ND Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PP75T120-ND Datasheet HTML 1Page - Powerex Power Semiconductors PP75T120-ND Datasheet HTML 2Page - Powerex Power Semiconductors PP75T120-ND Datasheet HTML 3Page - Powerex Power Semiconductors PP75T120-ND Datasheet HTML 4Page - Powerex Power Semiconductors PP75T120-ND Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PP75T120-ND
3-Phase POW-R-PAK™ IGBT Assembly
75 Amperes/1200 Volts
4
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
01/14 Rev. 0
Electrical Characteristics,
Tj = 25°C unless otherwise specified
Other Electrical Component Specifications
Characteristics
Min.
Typ.
Max.
Units
DC Link Capacitor Bank
Total Nominal Capacitance
2300
μF
Nominal Ripple Current Rating per Capacitor (@ 85°C, 120Hz)
11.6
ARMS
Nominal Total Voltage Rating
1000
Volts
Minimum Life @ Nominal Ripple Current (80°C)
10
khrs
Output Current Sensor
Primary Current Measuring Range
±200
Amperes
Accuracy (@ IPN, 25°C)
<
±1
%
Linearity Error
<
±1
%
Response Time
< 5
μs
Bandwidth (-3 dB)
DC
25
kHz
Thermal Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Thermal Resistance, Junction-to-Case
Rth(j-c)Q
Per IGBT, 1/2 Module
0.22
°C/W
FWD Thermal Resistance, Junction-to-Case
Rth(j-c)D
Per FWD, 1/2 Module
0.29
°C/W
Contact Thermal Resistance
Rth(c-f)
Per 1/2 Module
0.19
°C/W
Heatsink Thermal Resistance
Rth(f-a)
286 CFM Airflow
0.037
°C/W
Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Min.
Typ.
Max.
Units
Mounting Torque, Output Power Terminals
75
90
in-lb
Mounting Torque, DC Bus Terminals
130
150
in-lb
Weight
39
lb
Relevant Standards
UL508C: Power Conversion Equipment
EN50178: Electronic Equipment for Use in Power Installations


Similar Part No. - PP75T120-ND

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP75T120 POWEREX-PP75T120 Datasheet
362Kb / 6P
   POW-R-PAK 75A / 1200V 3 phase IGBT Assembly
More results

Similar Description - PP75T120-ND

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP300T120-ND POWEREX-PP300T120-ND Datasheet
635Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 300 Amperes/1200 Volts
PP100T120-ND POWEREX-PP100T120-ND Datasheet
586Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 100 Amperes/1200 Volts
PP200T120-ND POWEREX-PP200T120-ND Datasheet
591Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 200 Amperes/1200 Volts
PP150T120-ND POWEREX-PP150T120-ND Datasheet
590Kb / 5P
   3-Phase POW-R-PAK??IGBT Assembly 150 Amperes/1200 Volts
PP75B120-ND POWEREX-PP75B120-ND Datasheet
584Kb / 5P
   H-Bridge POW-R-PAK??IGBT Assembly 75 Amperes/1200 Volts
PP200T060-ND POWEREX-PP200T060-ND Datasheet
594Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 200 Amperes/600 Volts
PP300T060-ND POWEREX-PP300T060-ND Datasheet
591Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 300 Amperes/600 Volts
PP400T060-ND POWEREX-PP400T060-ND Datasheet
839Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 400 Amperes/600 Volts
PP150B120-ND POWEREX-PP150B120-ND Datasheet
583Kb / 5P
   H-Bridge POW-R-PAK IGBT Assembly 150 Amperes/1200 Volts
PP200B120-ND POWEREX-PP200B120-ND Datasheet
581Kb / 5P
   H-Bridge POW-R-PAK??IGBT Assembly 200 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com