Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP100T120-ND Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PP100T120-ND
Description  3-Phase POW-R-PAK IGBT Assembly 100 Amperes/1200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP100T120-ND Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PP100T120-ND Datasheet HTML 1Page - Powerex Power Semiconductors PP100T120-ND Datasheet HTML 2Page - Powerex Power Semiconductors PP100T120-ND Datasheet HTML 3Page - Powerex Power Semiconductors PP100T120-ND Datasheet HTML 4Page - Powerex Power Semiconductors PP100T120-ND Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PP100T120-ND
3-Phase POW-R-PAK™ IGBT Assembly
100 Amperes/1200 Volts
5
01/14 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Interface Board Signal Defintions (Table 1)
Pin
Signal Name
Description
1
Shield
Internally Conected to PGND
2
Gate 1 Neg.
0-15V Signal Controlling, Lower IGBT, HIGH = IGBT on
3
Leg 1 Error1
Open Collector Output, External Pull-up Resistor Required
LOW = No Error; HIGH = Phase A Over Current or Short Circuit OR Power Supply UV
4
Gate 1 Pos.
0-15V Signal Controlling, Upper IGBT, HIGH = IGBT on
5
Gate 2 Neg.
0-15V Signal Controlling, Lower IGBT, HIGH = IGBT on
6
Leg 2 Error1
Open Collector Output, External Pull-up Resistor Required
LOW = No Error; HIGH = Phase A Over Current or Short Circuit OR Power Supply UV
7
Gate 2 Pos.
0-15V Signal Controlling, Upper IGBT, HIGH = IGBT on
8
Gate 3 Neg.
0-15V Signal Controlling, Lower IGBT, HIGH = IGBT on
9
Leg 3 Error1
Open Collector Output, External Pull-up Resistor Required
LOW = No Error; HIGH = Phase A Over Current or Short Circuit OR Power Supply UV
10
Gate 3 Pos.
0-15V Signal Controlling, Upper IGBT, HIGH = IGBT on
11
Over Temperature1
Open Collector Output, External Pull-up Resistor Required
LOW = No Error; HIGH = Heatsink OT
12
External Fault Reset
Active Low: Must be High for Operation; Low for 10microseconds to Reset Faults3
13
DC Link Voltage
Analog Voltage Feedback of DC Link Voltage
14
24 VDC Input Power
20-30 VDC Input Power Supply
15
24 VDC Input Power
20-30 VDC Input Power Supply
16
N/C
No Connect - Do Not Ground
17
N/C
No Connect - Do Not Ground
18
PGND
Ground Reference for 24 VDC Power Supply
19
PGND
Ground Reference for 24 VDC Power Supply
20
Heatsink Temperature
Analog Voltage Representation of Heatsink Temperature
21
AGND2
Tied to Pins 10 and 11
22
IOUT Phase A
Analog Voltage Representation of Output Current
23
AGND2
Tied to Pins 10 and 11
24
IOUT Phase B
Analog Voltage Representation of Output Current
25
AGND2
Tied to Pins 10 and 11
25
IOUT Phase C
Analog Voltage Representation of Output Current
1. Open collectors can be pulled up to 30V max. and sink 50mA continuous.
2. AGND signals to be used for analog feedback signals (i.e. twisted pair with IOUT Phase A).
3. On the board is a jumper that enables fault reset by bringing all leg control signals low for 10 microseconds (default).
Interface Board Connector
Description
Symbol
Type
Manufacturer
Gate Drive Board Interface Header
P1
0.100" x 0.100" Latching Header, 26 Pin
3M# 3429-6002 or Equivalent
Recommended Mating Socket
0.100" x 0.100" IDC Socket, 26 Pin
3M# 3499-7600 or Equivalent
Recommended Strain Relief
Plastic Strain Relief
3M# 3448-3026 or Equivalent


Similar Part No. - PP100T120-ND

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP100T120 POWEREX-PP100T120 Datasheet
361Kb / 6P
   POW-R-PAK 100A / 1200V 3 phase IGBT Assembly
More results

Similar Description - PP100T120-ND

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP300T120-ND POWEREX-PP300T120-ND Datasheet
635Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 300 Amperes/1200 Volts
PP200T120-ND POWEREX-PP200T120-ND Datasheet
591Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 200 Amperes/1200 Volts
PP75T120-ND POWEREX-PP75T120-ND Datasheet
586Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 75 Amperes/1200 Volts
PP150T120-ND POWEREX-PP150T120-ND Datasheet
590Kb / 5P
   3-Phase POW-R-PAK??IGBT Assembly 150 Amperes/1200 Volts
PP100B120-ND POWEREX-PP100B120-ND Datasheet
661Kb / 5P
   H-Bridge POW-R-PAK IGBT Assembly 100 Amperes/1200 Volts
PP200T060-ND POWEREX-PP200T060-ND Datasheet
594Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 200 Amperes/600 Volts
PP300T060-ND POWEREX-PP300T060-ND Datasheet
591Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 300 Amperes/600 Volts
PP400T060-ND POWEREX-PP400T060-ND Datasheet
839Kb / 5P
   3-Phase POW-R-PAK IGBT Assembly 400 Amperes/600 Volts
PP150B120-ND POWEREX-PP150B120-ND Datasheet
583Kb / 5P
   H-Bridge POW-R-PAK IGBT Assembly 150 Amperes/1200 Volts
PP200B120-ND POWEREX-PP200B120-ND Datasheet
581Kb / 5P
   H-Bridge POW-R-PAK??IGBT Assembly 200 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com