Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24296RGET Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24296RGET
Description  I2C Controlled 3A Single Cell USB Charger
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24296RGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24296RGET Datasheet HTML 7Page - Texas Instruments BQ24296RGET Datasheet HTML 8Page - Texas Instruments BQ24296RGET Datasheet HTML 9Page - Texas Instruments BQ24296RGET Datasheet HTML 10Page - Texas Instruments BQ24296RGET Datasheet HTML 11Page - Texas Instruments BQ24296RGET Datasheet HTML 12Page - Texas Instruments BQ24296RGET Datasheet HTML 13Page - Texas Instruments BQ24296RGET Datasheet HTML 14Page - Texas Instruments BQ24296RGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
bq24296
bq24297
www.ti.com
SLUSBP6A – SEPTEMBER 2013 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
As Percentage to VREGN REG06[3:2]= 10
VBHOT2_HYS
3
%
(Approx. 3
◦C w/ 103AT)
CHARGE OVER-CURRENT COMPARATOR
HSFET cycle by cycle over-current
IHSFET_OCP
5.3
7.5
A
threshold
IBATFET_OCP
System over load threshold
5.5
6.6
A
LSFET charge under-current falling
VLSFET_UCP
From sync mode to non-sync mode
100
mA
threshold
FSW
PWM Switching frequency, and digital clock
1300
1500
1700
kHz
DMAX
Maximum PWM duty cycle
97
%
VBTST-VSW when LSFET refresh pulse is
VBTST_REFRESH
Bootstrap refresh comparator threshold
3.6
V
requested, VBUS=5V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24296RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296RGET TI1-BQ24296RGET Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24296RGET TI1-BQ24296RGET Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24296RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
[Old version datasheet]   Controlled 2A Single Cell USB Charger
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com