Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QIS2510001 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # QIS2510001
Description  Single Discrete IGBT 100 Amperes/2500 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QIS2510001 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  QIS2510001 Datasheet HTML 1Page - Powerex Power Semiconductors QIS2510001 Datasheet HTML 2Page - Powerex Power Semiconductors QIS2510001 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Preliminary
QIS2510001
Single Discrete IGBT
100 Amperes/2500 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
01/10 Rev. 0
0
50
100
150
200
250
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING ENERGY CHARACTERISTICS
(TYPICAL)
0
25
50
100
75
125
102
101
100
10-1
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE CHARACTERISTICS
(TYPICAL)
10-1
100
101
102
COLLECTOR CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
50
100
150
4
3
2
1
0
VGE = 15V
Tj = 25°C
Tj = 125°C
200
GATE CHARGE, QG, (nC)
GATE CHARGE CHARACTERISTICS
(TYPICAL)
20
0
250
500
750
1000
16
12
8
4
0
VGE = 0V
Tj = 25°C
Cies, Coes: f = 100kHz
Cres: f = 1MHz
VCC = 1250V
IC = 100A
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
10
0
4
8
12
16
20
8
6
4
2
0
Tj = 25°C
Tj = 25°C
VCC = 1250V
VGE = ±15V
RG = 30Ω
Tj = 125°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTAGE)
OUTPUT CHARACTERISTICS
(TYPICAL)
200
150
0
2
4
8
100
50
0
10
6
200
150
0
4
8
16
100
50
0
20
12
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
VCE = 10V
Tj = 25°C
Tj = 125°C
Cies
IC = 200A
VGE = 20V
15V
14V
10V
11V
8V
9V
7V
IC = 100A
IC = 40A
Coes
Cres
Eon
Eoff
13V
12V


Similar Part No. - QIS2510001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QIS0660001 POWEREX-QIS0660001 Datasheet
167Kb / 3P
   Single IGBT H-Series Hermetic Module (600 Amperes/600 Volts)
QIS0660004 POWEREX-QIS0660004 Datasheet
640Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/600 Volts
QIS1260015 POWEREX-QIS1260015 Datasheet
600Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/1200 Volts
QIS1760002 POWEREX-QIS1760002 Datasheet
559Kb / 8P
   Single IGBT Module 600 Amperes/1700 Volts
QIS1790001 POWEREX-QIS1790001 Datasheet
463Kb / 8P
   Single IGBT Module 900 Amperes/1700 Volts
More results

Similar Description - QIS2510001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QIS4506001 POWEREX-QIS4506001 Datasheet
56Kb / 2P
   Single Discrete IGBT 60 Amperes /4500 Volts
QIS4506002 POWEREX-QIS4506002 Datasheet
498Kb / 3P
   HV Single Discrete IGBT 60 Amperes/4500 Volts
QRS4506001 POWEREX-QRS4506001_10 Datasheet
352Kb / 2P
   Single Discrete Diode 60 Amperes/4500 Volts
QRS4506001 POWEREX-QRS4506001 Datasheet
132Kb / 2P
   Single Discrete Diode 60 Amperes /4500 Volts
QRS4506002 POWEREX-QRS4506002 Datasheet
438Kb / 2P
   Single Discrete Diode 60 Amperes/4500 Volts
CM100TF-12H POWEREX-CM100TF-12H Datasheet
66Kb / 4P
   Six-IGBT IGBTMOD 100 Amperes/600 Volts
CM100TF-24H POWEREX-CM100TF-24H Datasheet
63Kb / 4P
   Six-IGBT IGBTMOD 100 Amperes/1200 Volts
CM100TF-28H POWEREX-CM100TF-28H Datasheet
62Kb / 4P
   Six-IGBT IGBTMOD 100 Amperes/1400 Volts
QIS1760002 POWEREX-QIS1760002 Datasheet
559Kb / 8P
   Single IGBT Module 600 Amperes/1700 Volts
QIS1790001 POWEREX-QIS1790001 Datasheet
463Kb / 8P
   Single IGBT Module 900 Amperes/1700 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com