Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25570RGRT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25570RGRT
Description  Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25570RGRT Datasheet(HTML) 2 Page - Texas Instruments

  BQ25570RGRT Datasheet HTML 1Page - Texas Instruments BQ25570RGRT Datasheet HTML 2Page - Texas Instruments BQ25570RGRT Datasheet HTML 3Page - Texas Instruments BQ25570RGRT Datasheet HTML 4Page - Texas Instruments BQ25570RGRT Datasheet HTML 5Page - Texas Instruments BQ25570RGRT Datasheet HTML 6Page - Texas Instruments BQ25570RGRT Datasheet HTML 7Page - Texas Instruments BQ25570RGRT Datasheet HTML 8Page - Texas Instruments BQ25570RGRT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
bq25570
SLUSBH2C – MARCH 2013 – REVISED JANUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION CONTINUED
The bq25570 also implements a programmable maximum power point tracking sampling network to optimize the
transfer of power into the device. The fraction of open circuit voltage that is sampled and held can be controlled
by pulling VOC_SAMP high or low (80% or 50% respectively) or by using external resistors. This sampled
voltage is maintained via internal sampling circuitry and held with an external capacitor (CREF) on the
VREF_SAMP pin. For example, solar cells typically operate with a maximum power point (MPP) of 80% of their
open circuit voltage. Connecting VOC_SAMP to VSTOR sets the MPPT threshold to 80% and results in the IC
regulating the voltage on the solar cell to ensure that the VIN_DC voltage does not fail below the voltage on
CREF which equals 80% of the solar panel's open circuit voltage. Alternatively, an external reference voltage can
be provided by a MCU to produce a more complex MPPT algorithm. In addition to the boost charging front end,
the bq25570 provides the system with an externally programmable regulated supply via the buck converter. The
regulated output has been optimized to provide high efficiency across low output currents (< 10 µA) to high
currents (~110 mA).
The bq25570 is designed with the flexibility to support a variety of energy storage elements. The availability of
the sources from which harvesters extract their energy can often be sporadic or time-varying. Systems will
typically need some type of energy storage element, such as a re-chargeable battery, super capacitor, or
conventional capacitor. The storage element will make certain constant power is available when needed for the
systems. The storage element also allows the system to handle any peak currents that can not directly come
from the input source.
To prevent damage to a customer’s storage element, both maximum and minimum voltages are monitored
against the internally set under-voltage (UV) and user programmable over-voltage (OV) levels.
To further assist users in the strict management of their energy budgets, the bq25570 toggles the battery good
(VBAT_OK) flag to signal an attached microprocessor when the voltage on an energy storage battery or
capacitor has dropped below a pre-set critical level. This should trigger the reduction of load currents to prevent
the system from entering an under voltage condition. There is also independent enable signals to allow the
system to control when to run the regulated output or even put the whole IC into an ultra-low quiescent current
sleep state.
All the capabilities of bq25570 are packed into a small foot-print 20-lead 3.5mm x 3.5 mm QFN package (RGR).
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq25570


Similar Part No. - BQ25570RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25570RGRT TI1-BQ25570RGRT Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
More results

Similar Description - BQ25570RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25570 TI1-BQ25570_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
BQ25504 TI-BQ25504 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Low Power Boost Converter with Battery Management for Energy Harvester Applications
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
logo
Analog Devices
ADP5360 AD-ADP5360 Datasheet
1Mb / 60P
   Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
logo
Shenzhen Huazhimei Semi...
HM5902 HMSEMI-HM5902 Datasheet
3Mb / 15P
   Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
HM4095 HMSEMI-HM4095 Datasheet
1Mb / 8P
   Buck-Boost Charge Management IC
HM5910 HMSEMI-HM5910 Datasheet
1Mb / 7P
   Low power PMU with 16V linear charger and 5V boost converter
logo
STMicroelectronics
SPV1050 STMICROELECTRONICS-SPV1050 Datasheet
1Mb / 36P
   Ultralow power energy harvester and battery charger
August 2015 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com